Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM4108CPAPR Datasheet(PDF) 35 Page - Texas Instruments

Part # PCM4108CPAPR
Description  HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4108CPAPR Datasheet(HTML) 35 Page - Texas Instruments

Back Button PCM4108CPAPR Datasheet HTML 31Page - Texas Instruments PCM4108CPAPR Datasheet HTML 32Page - Texas Instruments PCM4108CPAPR Datasheet HTML 33Page - Texas Instruments PCM4108CPAPR Datasheet HTML 34Page - Texas Instruments PCM4108CPAPR Datasheet HTML 35Page - Texas Instruments PCM4108CPAPR Datasheet HTML 36Page - Texas Instruments PCM4108CPAPR Datasheet HTML 37Page - Texas Instruments PCM4108CPAPR Datasheet HTML 38Page - Texas Instruments PCM4108CPAPR Datasheet HTML 39Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
PCM4108
SBAS354 − JUNE 2005
www.ti.com
35
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
V
OUT1+
V
OUT1−
V
OUT5+
V
OUT5−
AGND1
V
REF1−
V
REF1+
NC
NC
NC
NC
MODE
RST
MUTE
DEM1
DEM0
SUBA
SUBB
Control
Logic
To Output Filters
(see Figures 20 and 21)
To Decoupling Capacitors
(see Figure 3)
+3.3V
Digital
10
µF0.1µF
+
19
20
21
22
23
24
25
26
27
28
29
30
31
32
SCKI
BCK
LRCK
DATA0
DATA1
DATA2
DATA3
V
DD
DGND
CSA
CSB
CCLK
CDIN
CDOUT
Audio
Processor
(DSP)
SPI HOST
(MCU, FPGA)
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
V
COM1
V
OUT2+
V
OUT2−
V
OUT6+
V
OUT6−
V
CC1
V
REF4+
V
REF4−
V
REF3−
V
REF3+
V
CC2
V
OUT3−
V
OUT3+
V
OUT7−
V
OUT7+
V
COM2
Control
Logic
0.1
µF10µF
+
0.1
µF10µF
+
0.1
µF
0.1
µF
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
V
OUT4+
V
OUT4−
V
OUT8+
V
OUT8−
AGND2
V
REF2−
V
REF2+
NC
NC
NC
NC
FS1
FS0
FMT2
FMT1
FMT0
To Output Filters
(see Figures 20 and 21)
To Decoupling Capacitors
(see Figure 3)
To Output Filters
(see Figures 20 and 21)
To Decoupling
Capacitors
(see Figure 3)
To Output Filters
(see Figures 20 and 21)
+5V
Analog
PCM4108
Figure 19. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com