Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM4108CPAPR Datasheet(PDF) 30 Page - Texas Instruments

Part # PCM4108CPAPR
Description  HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4108CPAPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCM4108CPAPR Datasheet HTML 26Page - Texas Instruments PCM4108CPAPR Datasheet HTML 27Page - Texas Instruments PCM4108CPAPR Datasheet HTML 28Page - Texas Instruments PCM4108CPAPR Datasheet HTML 29Page - Texas Instruments PCM4108CPAPR Datasheet HTML 30Page - Texas Instruments PCM4108CPAPR Datasheet HTML 31Page - Texas Instruments PCM4108CPAPR Datasheet HTML 32Page - Texas Instruments PCM4108CPAPR Datasheet HTML 33Page - Texas Instruments PCM4108CPAPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
PCM4108
SBAS354 − JUNE 2005
www.ti.com
30
Register 6: System Control Register
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (LSB)
RST
0
0
0
PDN34
PDN12
FS1
FS0
This register controls various system level functions of the PCM4108, including sampling mode, power-down, and soft
reset.
FS[1:0]
Sampling Mode for Channels 1 through 4
FS1
FS0
Sampling Mode
0
0
Single Rate (default)
0
1
Dual Rate
1
0
Quad Rate
1
1
− Not Used −
PDN12
Power-Down for Channels 1 and 2
PDN12
Power Down for Channels 1 and 2
0
Disabled (default)
1
Enabled
PDN34
Power-Down for Channels 3 and 4
PDN34
Power Down for Channels 3 and 4
0
Disabled (default)
1
Enabled
RST
Software Reset (value defaults to 0) for Channels 1 through 4
Setting this bit to ‘1’ will initiate a logic reset of the PCM4108. This bit functions the same as an external reset
applied at the RST input (pin 13).
Register 7: Audio Serial Port Control Register for Channels 1 through 4
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (LSB)
0
0
BCKE
LRCKP
0
FMT2
FMT1
FMT0
This register is used to control the data format and clock polarity for the PCM4108 audio serial port.
FMT[2:0]
Audio Data Format
FMT2
FMT1
DEM0
Data Format
0
0
0
24-bit, left-justified (default)
0
0
1
24-bit I2S
0
1
0
TDM with zero BCK delay
0
1
1
TDM with one BCK delay
1
0
0
24-bit, right-justified
1
0
1
20-bit, right-justified
1
1
0
18-bit, right-justified
1
1
1
16-bit, right-justified
LRCKP
LRCK Polarity (0 = Normal, 1 = Inverted). Defaults to 0.
BCKE
BCK Sampling Edge (0 = Rising Edge, 1 = Falling Edge), Defaults to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com