| Electronic Components Datasheet Search |
|
XRT7250 Datasheet(PDF) 12 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 Datasheet(HTML) 12 Page - Exar Corporation |
|
12 / 463 page ![]() áç áç áç áç DS3/E3 FRAMER IC XRT7250 REV. 1.1.1 X LIST OF FIGURES Figure 1.Timing Diagram for Transmit Payload Input Interface, when the XRT7250 Device is operating in both the DS3 and Loop-Timing Modes ................................................................................................................... 25 Figure 2.Timing Diagram for the Transmit Payload Input Interface, when the XRT7250 Device is operating in both the DS3 and Local-Timing Modes .......................................................................................................... 25 Figure 3.Timing Diagram for the Transmit Payload Data Input Interface, when the XRT7250 Device is operating in both the DS3/Nibble and Looped-Timing Modes ........................................................................................ 26 Figure 4.Timing Diagram for the Transmit Payload Data Input Interface, when the XRT7250 Device is operating in the DS3/Nibble and Local-Timing Modes ................................................................................................... 26 Figure 5.Timing Diagram for the Transmit Overhead Data Input Interface (Method 1 Access) ..................... 27 Figure 6.Timing Diagram for the Transmit Overhead Data Input Interface (Method 2 Access) ..................... 27 Figure 7.Transmit LIU Interface Timing - Framer is configured to update "TxPOS" and "TxNEG" on the rising edge of "TxLineClk" ........................................................................................................................................ 28 Figure 8.Transmit LIU Interface Timing - Framer is configured to update "TxPOS" and "TxNEG" on the falling edge of "TxLineClk" ........................................................................................................................................ 28 Figure 9.Receive LIU Interface Timing - Framer is configured to sample "RxPOS" and "RxNEG" on the rising edge of "RxLineClk" ........................................................................................................................................ 29 Figure 10.Receiver LIU Interface Timing - Framer is configured to sample "RxPOS" and "RxNEG" on the falling edge of "RxLineClk" ........................................................................................................................................ 29 Figure 11.Receive Payload Data Output Interface Timing ............................................................................. 30 Figure 12.Receive Payload Data Output Interface Timing (Nibble Mode Operation) ..................................... 30 Figure 13.Receive Overhead Data Output Interface Timing (Method 1 - Using RxOHClk) ............................ 31 Figure 14.Receive Overhead Data Output Interface Timing (Method 2 - Using RxOHEnable) ...................... 31 Figure 15.Microprocessor Interface Timing - Intel Type Programmed I/O Read Operations ......................... 32 Figure 16.Microprocessor Interface Timing - Intel Type Programmed I/O Write Operations ......................... 32 Figure 17.Microprocessor Interface Timing - Intel Type Read Burst Access Operation ................................. 33 Figure 18.Microprocessor Interface Timing - Intel Type Write Burst Access Operation ................................. 33 Figure 19.Microprocessor Interface Timing - Motorola Type Programmed I/O Read Operation .................... 34 Figure 20.Microprocessor Interface Timing - Motorola Type Programmed I/O Write Operation .................... 34 Figure 21.Microprocessor Interface Timing - Motorola Type Read Burst Access Operation ......................... 35 Figure 22.Microprocessor Interface Timing - Motorola Type Write Burst Access Operation .......................... 35 Figure 23.Microprocessor Interface Timing - Reset Pulse Width ................................................................... 35 Figure 24.Simple Block Diagram of the Microprocessor Interface Block, within the Framer IC ..................... 36 Figure 25.Behavior of Microprocessor Interface signals during an Intel-type Programmed I/O Read Operation 40 Figure 26.Behavior of the Microprocessor Interface Signals, during an Intel-type Programmed I/O Write Opera- tion .................................................................................................................................................................. 41 Figure 27.Illustration of the Behavior of Microprocessor Interface signals, during a Motorola-type Programmed I/O Read Operation ........................................................................................................................................ 42 Figure 28.Illustration of the Behavior of the Microprocessor Interface signal, during a Motorola-type Pro- grammed I/O Write Operation ........................................................................................................................ 43 Figure 29.Behavior of the Microprocessor Interface Signals, during the Initial Read Operation of a Burst Cycle (Intel Type Processor) .................................................................................................................................... 44 Figure 30.Behavior of the Microprocessor Interface Signals, during subsequent Read Operations within the Burst I/O Cycle ............................................................................................................................................... 45 Figure 31.Behavior of the Microprocessor Interface signals, during the Initial Write Operation of a Burst Cycle (Intel-type Processor) ..................................................................................................................................... 46 Figure 32.Behavior of the Microprocessor Interface Signals, during subsequent Write Operations within the Burst I/O Cycle ............................................................................................................................................... 47 Figure 33.Behavior of the Microprocessor Interface Signals, during the Initial Read Operation of a Burst Cycle (Motorola Type Processor) ............................................................................................................................. 48 Figure 34.Behavior the Microprocessor Interface Signals, during subsequent Read Operations within the Burst I/O Cycle (Motorola-type µC/µP) .................................................................................................................... 49 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |