| Electronic Components Datasheet Search |
|
XRT7250 Datasheet(PDF) 17 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 Datasheet(HTML) 17 Page - Exar Corporation |
|
17 / 463 page ![]() XRT7250 DS3/E3 FRAMER IC áç áç áç áç REV. 1.1.1 XV Mode 3 Operation) ........................................................................................................................................ 345 Figure 163.Illustration of the Terminal Equipment being interfaced to the Transmit Payload Data Input Interface block of the XRT7250 for Mode 4 (Nibble-Parallel/Loop-Timed) Operation .................................................. 346 Figure 164.Behavior of the Terminal Interface signals between the XRT7250 and the Terminal Equipment (Mode 4 Operation) ....................................................................................................................................... 347 Figure 165.Illustration of the Terminal Equipment being interfaced to the Transmit Payload Data Input Interface block of the XRT7250 for Mode 5 (Nibble-Parallel/Local-Time/Frame-Slave) Operation ............................. 349 Figure 166.Behavior of the Terminal Interface signals between the XRT7250 and the Terminal Equipment (E3 Mode 5 Operation) ........................................................................................................................................ 350 Figure 167.Illustration of the Terminal Equipment being interfaced to the Transmit Payload Data Input Interface block of the XRT7250 for Mode 6 Operation ................................................................................................ 351 Figure 168.Behavior of the Terminal Interface signals between the XRT7250 and the Terminal Equipment (E3 Mode 6 Operation) ........................................................................................................................................ 352 Figure 169.Simple Illustration of the Transmit Overhead Data Input Interface block .................................... 353 Figure 170.Illustration of the Terminal Equipment being interfaced to the Transmit Overhead Data Input Inter- face (Method 1) ............................................................................................................................................. 357 Figure 171.Illustration of the signal that must occur between the Terminal Equipment and the XRT7250, in order to configure the XRT7250 to transmit a Yellow Alarm to the remote terminal equipment ............................. 360 Figure 172.Illustration of the Terminal Equipment being interfaced to the Transmit Overhead Data Input Inter- face (Method 2) ............................................................................................................................................. 362 Figure 173.Behavior of Transmit Overhead Data Input Interface signals between the XRT7250 and the Terminal Equipment (for Method 2) ............................................................................................................................. 365 Figure 174.LAPD Message Frame Format ................................................................................................... 366 Figure 175.Flow Chart depicting how to use the LAPD Transmitter (LAPD Transmitter is configured to re-trans- mit the LAPD Message frame repeatedly at One-Second intervals) ............................................................. 371 Figure 176.Flow Chart depicting how to use the LAPD Transmitter (LAPD Transmitter is configured to transmit a LAPD Message frame only once). ............................................................................................................. 372 Figure 177.A Simple Illustration of the Transmit E3 Framer Block and the associated paths to other Functional Blocks ........................................................................................................................................................... 374 Figure 178.Approach to Interfacing the XRT7250 Framer IC device to the XRT7300 DS3/E3/STS-1 LIU ... 377 Figure 179.A Simple Illustration of the Transmit E3 LIU Interface block ....................................................... 378 Figure 180.The Behavior of TxPOS and TxNEG signals during data transmission while the Transmit DS3 LIU Interface is operating in the Unipolar Mode .................................................................................................. 378 Figure 181.Illustration of AMI Line Code ....................................................................................................... 380 Figure 182.Illustration of two examples of HDB3 Encoding .......................................................................... 380 Figure 183.Waveform/Timing Relationship between TxLineClk, TxPOS and TxNEG - TxPOS and TxNEG are configured to be updated on the rising edge of TxLineClk ............................................................................ 382 Figure 184.Waveform/Timing Relationship between TxLineClk, TxPOS and TxNEG - TxPOS and TxNEG are configured to be updated on the falling edge of TxLineClk ........................................................................... 382 Figure 185.A Simple Illustration of the Receive Section of the XRT7250, when it has been configured to operate in the E3 Mode .............................................................................................................................................. 384 Figure 186.A Simple Illustration of the Receive E3 LIU Interface Block ....................................................... 385 Figure 187.Behavior of the RxPOS, RxNEG and RxLineClk signals during data reception of Unipolar Data ..... 386 Figure 188.Illustration on how the Receive E3 Framer (within the XRT7250 Framer IC) being interface to theXRT7300 Line Interface Unit, while the Framer is operating in Bipolar Mode ......................................... 387 Figure 189.Illustration of AMI Line Code ....................................................................................................... 388 Figure 190.Illustration of two examples of HDB3 Decoding .......................................................................... 388 Figure 191.Waveform/Timing Relationship between RxLineClk, RxPOS and RxNEG - When RxPOS and Rx- NEG are to be sampled on the rising edge of RxLineClk ............................................................................. 390 Figure 192.Waveform/Timing Relationship between RxLineClk, RxPOS and RxNEG - When RxPOS and Rx- NEG are to be sampled on the falling edge of RxLineClk ............................................................................. 390 Figure 193.A Simple Illustration of the Receive E3 Framer Block and the Associated Paths to the Other Func- tional Blocks .................................................................................................................................................. 391 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |