| Electronic Components Datasheet Search |
|
XRT7250 Datasheet(PDF) 16 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 Datasheet(HTML) 16 Page - Exar Corporation |
|
16 / 463 page ![]() áç áç áç áç DS3/E3 FRAMER IC XRT7250 REV. 1.1.1 XIV Figure 131.Illustration of AMI Line Code ...................................................................................................... 286 Figure 132.Illustration of two examples of HDB3 Decoding ......................................................................... 287 Figure 133.Waveform/Timing Relationship between RxLineClk, RxPOS and RxNEG - When RxPOS and Rx- NEG are to be sampled on the rising edge of RxLineClk ............................................................................. 288 Figure 134.Waveform/Timing Relationship between RxLineClk, RxPOS and RxNEG - When RxPOS and Rx- NEG are to be sampled on the falling edge of RxLineClk ............................................................................ 289 Figure 135.A Simple Illustration of the Receive E3 Framer Block and the Associated Paths to the Other Func- tional Blocks ................................................................................................................................................. 289 Figure 136.The State Machine Diagram for the Receive E3 Framer E3 Frame Acquisition/Maintenance Algo- rithm .............................................................................................................................................................. 291 Figure 137.Illustration of the E3, ITU-T G.751 Framing Format ................................................................... 291 Figure 138.Illustration of the Local Receive E3 Framer block, receiving an E3 Frame (from the Remote Termi- nal) with a correct BIP-4 Value. .................................................................................................................... 299 Figure 139.Illustration of the Local Receive E3 Framer block, transmitting an E3 Frame (to the Remote Termi- nal) with the “A” bit set to “0” ........................................................................................................................ 300 Figure 140.Illustration of the Local Receive E3 Framer block, receiving an E3 Frame (from the Remote Termi- nal) with an incorrect BIP-4 value. ................................................................................................................ 301 Figure 141.Illustration of the Local Receive E3 Framer block, transmitting an E3 Frame (to the Remote Termi- nal) with the “A” bit-field set to “1” ................................................................................................................. 301 Figure 142.LAPD Message Frame Format ................................................................................................... 304 Figure 143.Flow Chart depicting the Functionality of the LAPD Receiver .................................................... 308 Figure 144.A Simple Illustration of the Receive Overhead Output Interface block ....................................... 309 Figure 145.Illustration of how to interface the Terminal Equipment to the Receive Overhead Data Output Inter- face block (for Method 1). ............................................................................................................................. 310 Figure 146.Illustration of the signals that are output via the Receive Overhead Output Interface (for Method 1). 312 Figure 147.Illustration of how to interface the Terminal Equipment to the Receive Overhead Data Output Inter- face block (for Method 2). ............................................................................................................................. 314 Figure 148.Illustration of the signals that are output via the Receive Overhead Data Output Interface block (for Method 2). .................................................................................................................................................... 315 Figure 149.A Simple illustration of the Receive Payload Data Output Interface block ................................. 316 Figure 150.Illustration of the Terminal Equipment being interfaced to the Receive Payload Data Input Interface Block of the XRT7250 Framer IC (Serial Mode Operation) .......................................................................... 318 Figure 151.An Illustration of the behavior of the signals between the Receive Payload Data Output Interface block of the XRT7250 and the Terminal Equipment ..................................................................................... 319 Figure 152.Illustration of the XRT7250 DS3/E3 Framer IC being interfaced to the Receive Section of the Termi- nal Equipment (Nibble-Parallel Mode Operation) ......................................................................................... 320 Figure 153.Illustration of the signals that are output via the Receive Payload Data Output Interface block (for Nibble-Parallel Mode Operation). ................................................................................................................. 321 Figure 154.Illustration of the E3, ITU-T G.832 Framing Format. .................................................................. 332 Figure 155.A Simple Illustration of the Transmit Section, within the XRT7250, when it has been configured to operate in the E3 Mode ................................................................................................................................ 336 Figure 156.A Simple Illustration of the Transmit Payload Data Input Interface Block .................................. 337 Figure 157.Illustration of the Terminal Equipment being interfaced to the Transmit Payload Data Input Interface block of the XRT7250 for Mode 1 (Serial/Loop-Timed) Operation ............................................................... 340 Figure 158.Behavior of the Terminal Interface signals between the Transmit Payload Data Input Interface block of the XRT7250 and the Terminal Equipment (for Mode 1 Operation) ......................................................... 341 Figure 159.Illustration of the Terminal Equipment being interfaced to the Transmit Payload Data Input Interface block of the XRT7250 for Mode 2 (Serial/Local-Timed/Frame-Slave) Operation ......................................... 342 Figure 160.Behavior of the Terminal Interface signals between the XRT7250 and the Terminal Equipment (Mode 2 Operation) ...................................................................................................................................... 343 Figure 161.Illustration of the Terminal Equipment being interfaced to the Transmit Payload Data Input Interface block of the XRT7250 for Mode 3 (Serial/Local-Timed/Frame-Master) Operation ....................................... 344 Figure 162.Behavior of the Terminal Interface signals between the XRT7250 and the Terminal Equipment (E3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |