Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2ED2181S06F Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # 2ED2181S06F
Description  650 V high-side and low-side gate driver with integrated bootstrap diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2ED2181S06F Datasheet(HTML) 4 Page - Infineon Technologies AG

  2ED2181S06F Datasheet HTML 1Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 2Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 3Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 4Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 5Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 6Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 7Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 8Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Datasheet
4 of 24
V 2.21
www.infineon.com/soi
2020-07-07
2ED2181 (4) S06F (J)
650 V high-side and low-side driver with integrated bootstrap diode
2
Block diagram
1
HIN
UV
DETECT
8
VB
7
HO
6
VS
2
LIN
Pulse
Generator
Delay
Match
Pulse
Filter
UV
DETECT
VSS / COM
LEVEL
SHIFT
Q
R
S
R
5
VCC
4
LO
3
VSS / COM
LEVEL
SHIFT
COM
BS diode
2ED2181S06F
1
HIN
UV
DETECT
13
VB
12
HO
11
VS
2
LIN
Pulse
Generator
Delay
Match
Pulse
Filter
UV
DETECT
VSS / COM
LEVEL
SHIFT
Q
R
S
R
7
VCC
6
LO
5
VSS / COM
LEVEL
SHIFT
COM
BS diode
3
VSS
2ED21814S06J
VSS
Figure 2
Block diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com