Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2ED2181S06F Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # 2ED2181S06F
Description  650 V high-side and low-side gate driver with integrated bootstrap diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2ED2181S06F Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button 2ED2181S06F Datasheet HTML 14Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 15Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 16Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 17Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 18Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 19Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 20Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 21Page - Infineon Technologies AG 2ED2181S06F Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Datasheet
18 of 24
V 2.21
www.infineon.com/soi
2020-07-07
2ED2181 (4) S06F (J)
650 V high-side and low-side driver with integrated bootstrap diode
5.13
PCB layout tips
Distance between high and low voltage components: It’s strongly recommended to place the components tied
to the floating voltage pins (VB and VS) near the respective high voltage portions of the device. Please see the
Case Outline information in this datasheet for the details.
Ground Plane: In order to minimize noise coupling, the ground plane should not be placed under or near the high
voltage floating side.
Gate Drive Loops: Current loops behave like antennas and are able to receive and transmit EM noise (see Figure
21). In order to reduce the EM coupling and improve the power switch turn on/off performance, the gate drive
loops must be reduced as much as possible. Moreover, current can be injected inside the gate drive loop via the
IGBT collector-to-gate parasitic capacitance. The parasitic auto-inductance of the gate loop contributes to
developing a voltage across the gate-emitter, thus increasing the possibility of a self turn-on effect.
Figure 21
Avoid antenna loops
Supply Capacitor: It is recommended to place a bypass capacitor (CIN) between the VCC and COM pins. A ceramic
1μF ceramic capacitor is suitable for most applications. This component should be placed as close as possible
to the pins in order to reduce parasitic elements.
Routing and Placement: Power stage PCB parasitic elements can contribute to large negative voltage transients
at the switch node; it is recommended to limit the phase voltage negative transients. In order to avoid such
conditions, it is recommended to 1) minimize the high-side emitter to low-side collector distance, and 2)
minimize the low-side emitter to negative bus rail stray inductance. However, where negative VS spikes remain
excessive, further steps may be taken to reduce the spike. This includes placing a resistor (5 Ω or less) between
the VS pin and the switch node (see Figure 22 - A), and in some cases using a clamping diode between COM and
VS (see Figure 22- B). See DT04-4 at www.infineon.com for more detailed explanations.
Figure 22
Resistor between the VS pin and the switch node and clamping diode between COM and VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com