Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F256J3A-115 Datasheet(PDF) 45 Page - Intel Corporation

Part # JS28F256J3A-115
Description  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F256J3A-115 Datasheet(HTML) 45 Page - Intel Corporation

Back Button JS28F256J3A-115 Datasheet HTML 41Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 42Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 43Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 44Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 45Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 46Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 47Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 48Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
256-Mbit J3 (x8/x16)
Datasheet
45
The only other valid commands while block erase is suspended are Read Query, Read Status
Register, Clear Status Register, Configure, and Block Erase Resume. After a Block Erase Resume
command is written to the flash memory, the WSM will continue the block erase process. SR.6 and
SR.7 will automatically clear and STS (in default mode) will return to VOL. After the Erase
Resume command is written, the device automatically outputs SRD when read (see Figure 23,
“Block Erase Suspend/Resume Flowchart” on page 64). VPEN must remain at VPENH (the same
VPEN level used for block erase) while block erase is suspended. Block erase cannot resume until
program operations initiated during block erase suspend have completed.
12.3
Erase Resume
To resume (i.e., continue) an erase suspend operation, execute the Erase Resume command. The
Resume command can be written to any device address. When a program operation is nested
within an erase suspend operation and the Program Suspend command is issued, the device will
suspend the program operation. When the Resume command is issued, the device will resume the
program operations first. Once the nested program operation is completed, an additional Resume
command is required to complete the block erase operation. The device supports a maximum
suspend/resume of two nested routines. See Figure 22, “Block Erase Flowchart” on page 63.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com