Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F256J3A-115 Datasheet(PDF) 53 Page - Intel Corporation

Part # JS28F256J3A-115
Description  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F256J3A-115 Datasheet(HTML) 53 Page - Intel Corporation

Back Button JS28F256J3A-115 Datasheet HTML 49Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 50Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 51Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 52Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 53Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 54Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 55Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 56Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
256-Mbit J3 (x8/x16)
Datasheet
53
A.2
Query Structure Overview
The Query command causes the flash component to display the Common Flash Interface (CFI)
Query structure or “database.” The structure sub-sections and address locations are summarized
below. See AP-646 Common Flash Interface (CFI) and Command Sets (order number 292204) for
a full description of CFI commands.
The following sections describe the Query structure sub-sections in detail.
Table 23. Summary of Query Structure Output as a Function of Device and Mode
Device
Type/
Mode
Query start location in
maximum device bus
width addresses
Query data with maximum
device bus width addressing
Query data with byte
addressing
Hex
Offset
Hex
Code
ASCII
Value
Hex
Offset
Hex
Code
ASCII
Value
x16 device
10h
10:
0051
“Q”
20:
51
“Q”
x16 mode
11:
0052
“R”
21:
00
“Null”
12:
0059
“Y”
22:
52
“R”
x16 device
20:
51
“Q”
x8 mode
N/A(1)
N/A(1)
21:
51
“Q”
22:
52
“R”
NOTE:
1. The system must drive the lowest order addresses to access all the device's array data when the device is
configured in x8 mode. Therefore, word addressing, where these lower addresses are not toggled by the
system, is "Not Applicable" for x8-configured devices.
Table 24. Example of Query Structure Output of a x16- and x8-Capable Device
Word Addressing
Byte Addressing
Offset
Hex Code
Value
Offset
Hex Code
Value
A15–A0
D15–D0
A7–A0
D7–D0
0010h
0051
“Q”
20h
51
“Q”
0011h
0052
“R”
21h
51
“Q”
0012h
0059
“Y”
22h
52
“R”
0013h
P_IDLO
PrVendor
23h
52
“R”
0014h
P_IDHI
ID #
24h
59
“Y”
0015h
PLO
PrVendor
25h
59
“Y”
0016h
PHI
TblAdr
26h
P_IDLO
PrVendor
0017h
A_IDLO
AltVendor
27h
P_IDLO
ID #
0018h
A_IDHI
ID #
28h
P_IDHI
ID #
...
...
...
...
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com