Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F256J3A-115 Datasheet(PDF) 55 Page - Intel Corporation

Part # JS28F256J3A-115
Description  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F256J3A-115 Datasheet(HTML) 55 Page - Intel Corporation

Back Button JS28F256J3A-115 Datasheet HTML 51Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 52Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 53Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 54Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 55Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 56Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 57Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 58Page - Intel Corporation JS28F256J3A-115 Datasheet HTML 59Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
256-Mbit J3 (x8/x16)
Datasheet
55
A.5
System Interface Information
The following device information can optimize system interface software.
A.6
Device Geometry Definition
This field provides critical details of the flash device geometry.
0000h means no second vendor-specified algorithm exists
18:
--00
19h
2
Secondary algorithm Extended Query Table address.
19:
--00
0000h means none exists
1A:
--00
Table 27. CFI Identification (Sheet 2 of 2)
Offset
Length
Description
Add.
Hex
Code
Value
Table 28. System Interface Information
Offset
Length
Description
Add.
Hex
Code
Value
1Bh
1
VCC logic supply minimum program/erase voltage
bits 0–3 BCD 100 mV
bits 4–7 BCD volts
1B:
--27
2.7 V
1Ch
1
VCC logic supply maximum program/erase voltage
bits 0–3 BCD 100 mV
bits 4–7 BCD volts
1C:
--36
3.6 V
1Dh
1
VPP [programming] supply minimum program/erase voltage
bits 0–3 BCD 100 mV
bits 4–7 HEX volts
1D:
--00
0.0 V
1Eh
1
VPP [programming] supply maximum program/erase voltage
bits 0–3 BCD 100 mV
bits 4–7 HEX volts
1E:
--00
0.0 V
1Fh
1
“n” such that typical single word program time-out = 2n µs
1F:
--08
256 µs
20h
1
“n” such that typical max. buffer write time-out = 2n µs
20:
--08
256 µs
21h
1
“n” such that typical block erase time-out = 2n ms
21:
--0A
1 s
22h
1
“n” such that typical full chip erase time-out = 2n ms
22:
--00
NA
23h
1
“n” such that maximum word program time-out = 2n times
typical
23:
--04
2 ms
24h
1
“n” such that maximum buffer write time-out = 2n times typical
24:
--04
2 ms
25h
1
“n” such that maximum block erase time-out = 2n times typical
25:
--04
16 s
26h
1
“n” such that maximum chip erase time-out = 2n times typical
26:
--00
NA
Table 29. Device Geometry Definition (Sheet 1 of 2)
Offset
Length
Description
Code See Table
Below
27h
1
“n” such that device size = 2n in number of bytes
27:
28h
2
Flash device interface: x8 async x16 async x8/x16 async
28:
--02
x8/
x16
28:00,29:00 28:01,29:00 28:02,29:00
29:
--00
2Ah
2
“n” such that maximum number of bytes in write buffer = 2n
2A:
--05
32
2B:
--00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com