Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM9DS1 Datasheet(PDF) 27 Page - STMicroelectronics

Part # LSM9DS1
Description  iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS1 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LSM9DS1 Datasheet HTML 23Page - STMicroelectronics LSM9DS1 Datasheet HTML 24Page - STMicroelectronics LSM9DS1 Datasheet HTML 25Page - STMicroelectronics LSM9DS1 Datasheet HTML 26Page - STMicroelectronics LSM9DS1 Datasheet HTML 27Page - STMicroelectronics LSM9DS1 Datasheet HTML 28Page - STMicroelectronics LSM9DS1 Datasheet HTML 29Page - STMicroelectronics LSM9DS1 Datasheet HTML 30Page - STMicroelectronics LSM9DS1 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
DocID025715 Rev 3
27/72
LSM9DS1
Application hints
72
4
Application hints
Figure 15. LSM9DS1 electrical connections
4.1
External capacitors
The device core is supplied through the Vdd line. Power supply decoupling capacitors (C2,
C3 = 100 nF ceramic, C4 = 10 µF Al) should be placed as near as possible to the supply pin
of the device (common design practice). Capacitor C1 (100 nF) should be a capacitor with
low ESR value and should be placed as near as possible to the C1 pin.
All voltage and ground supplies must be present at the same time to achieve proper
behavior of the IC (refer to Figure 15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com