Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MXT1664T3-ATSQTP Datasheet(PDF) 20 Page - Microchip Technology

Part # MXT1664T3-ATSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ATSQTP Datasheet(HTML) 20 Page - Microchip Technology

Back Button MXT1664T3-ATSQTP Datasheet HTML 16Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 17Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 18Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 19Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 20Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 21Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 22Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 23Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 20
 2018 Microchip Technology Inc.
2.4
162-ball UFBGA – USB Mode
See Section 2.5 “Schematic Notes”
X0
X1
X2
X3
X4
X5
X6
X7
X8
X9
X10
X11
X12
X13
X14
X15
X16
X17
X18
X19
X20
X21
X22
X23
X24
X25
X26
X27
X28
X29
X30
X31
GND
X0
J16
X2
J18
X3
J19
X4
H15
X5
H16
X6
H17
X7
H18
X8
H19
X9
G15
X10
G16
X11
G17
X12
G18
X13
G19
X14
F15
X15
F16
X16
F17
X1
J17
RESET
A2
X17
F18
X18
F19
X19
E16
X20
E17
X21
E18
X22
E19
X23
D15
X24
D16
X25
D17
X26
D18
X27
D19
X28
C15
X29
C16
X30
C17
DS0
A4
X31
C18
NC
C19
NC
B15
NC
B16
NC
B17
NC
B18
NC
B19
NC
A16
NC
A17
NC
A18
NC
A19
SCL
A1
SDA
B1
USB_DM
B2
ADDSEL/USB_DP
C1
COMMSEL
C2
I2CMODE
D1
NOISE_IN
D2
CHG
E1
GPIO0
E2
GPIO1
F1
GPIO2
F2
GPIO3
G1
GPIO4
G2
GPIO5
H1
DBG_CLK/XTAL_XIN
H2
DBG_DATA/XTAL_XOUT
J1
TEST/DBG_SS
J2
NC
A15
RESET
GND
10nF
VDDIO
VDDIO
GND
VDD
GND
GND
GND
GND
2.2 uF
22nF
22 nF
2.2 uF
2.2uF
2.2 uF
22 nF
100nF
22 nF
AVDD
XVDD
MATRIX Y LINES
MATRIX Y LINES
GND
16 MHz
XTAL
15pF
15pF
GND
GND
USB_DM
USB_DP
GPIO0
NOISE_IN
GPIO1
GPIO2
GPIO3
GPIO4
GPIO5
DRIVEN
SHIELD
mXT1664T3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com