Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MXT1664T3-ATSQTP Datasheet(PDF) 79 Page - Microchip Technology

Part # MXT1664T3-ATSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ATSQTP Datasheet(HTML) 79 Page - Microchip Technology

Back Button MXT1664T3-ATSQTP Datasheet HTML 75Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 76Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 77Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 78Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 79Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 80Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 81Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 82Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 79
14.5.3
XVDD SUPPLY
14.6
Deep Sleep Current
TA = 25C
Acquisition Rate (ms)
0 Touches (mA) 1 Touch (mA) 5 Touches (mA)
10 Touches
(mA)
15 Touches
(mA)
Free-run
0.63
0.63
0.75
0.79
0.69
10
0.61
0.62
0.73
0.73
0.68
16
0.61
0.61
0.68
0.68
0.68
32
0.60
0.61
0.65
0.64
0.66
64
0.60
0.61
0.62
0.62
0.64
128
0.60
0.60
0.61
0.61
0.63
254
0.60
0.60
0.60
0.61
0.61
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
Free-run
10
16
32
64
128
254
Acquisition Rate (ms)
0 Touches (mA)
1 Touch (mA)
5 Touches (mA)
10 Touches (mA)
15 Touches (mA)
Parameter
Min
Typ
Max
Units
Notes
Deep Sleep Current
–
360
–
µA
Vdd = 3.3 V, AVdd = 3.3 V
Deep Sleep Power
–
1188
–
µW
Vdd = 3.3 V, AVdd = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com