Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MXT1664T3-ATSQTP Datasheet(PDF) 60 Page - Microchip Technology

Part # MXT1664T3-ATSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ATSQTP Datasheet(HTML) 60 Page - Microchip Technology

Back Button MXT1664T3-ATSQTP Datasheet HTML 56Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 57Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 58Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 59Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 60Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 61Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 62Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 63Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 60
 2018 Microchip Technology Inc.
11.0
PCB DESIGN CONSIDERATIONS
11.1
Introduction
The following sections give the design considerations that should be adhered to when designing a PCB layout for use
with the mXT1664T3. Of these, power supply and ground tracking considerations are the most critical.
By observing the following design rules, and with careful preparation for the PCB layout exercise, designers will be
assured of a far better chance of success and a correctly functioning product.
11.2
Printed Circuit Board
Microchip recommends the use of a four-layer printed circuit board for mXT1664T3 applications. This, together with
careful layout, will ensure that the board meets relevant EMC requirements for both noise radiation and susceptibility,
as laid down by the various national and international standards agencies.
11.2.1
PCB CLEANLINESS
Modern no-clean-flux is generally compatible with capacitive sensing circuits.
11.3
Power Supply
11.3.1
SUPPLY QUALITY
While the device has good Power Supply Rejection Ratio properties, poorly regulated and/or noisy power supplies can
significantly reduce performance.
Particular care should be taken of the AVdd supply, as it supplies the sensitive analog stages in the device.
11.3.2
SUPPLY RAILS AND GROUND TRACKING
Power supply and clock distribution are the most critical parts of any board layout. Because of this, it is advisable that
these be completed before any other tracking is undertaken. After these, supply decoupling, and analog and high speed
digital signals should be addressed. Track widths for all signals, especially power rails should be kept as wide as
possible in order to reduce inductance.
The Power and Ground planes themselves can form a useful capacitor. Flood filling for either or both of these supply
rails, therefore, should be used where possible. It is important to ensure that there are no floating copper areas
remaining on the board: all such areas should be connected to the ground plane. The flood filling should be done on the
outside layers of the board.
In applications where the USB bus supplies power to the board, care should be taken to ensure that suitable capacitive
decoupling is provided close to the USB connector. The tracking to the on-board regulators should also be kept as short
as possible.
It should also be remembered that the screen of the USB cable is not intended to be connected to the ground or 0V
supply of a remote device. It should either be left open circuit (being connected only at the host computer end) or
decoupled with a suitable high voltage capacitor (typically 4.7 nF, 250 V) and a parallel resistor (typically 1 M
). Note
that these components may not be required when the USB cabling is internal and permanently wired, and is routed away
from the noisier parts of the system.
11.3.3
POWER SUPPLY DECOUPLING
Decoupling capacitors should be fitted as specified in Section 2.5 “Schematic Notes”.
The decoupling capacitors must be placed as close as possible to the pin being decoupled. The traces from these
capacitors to the respective device pins should be wide and take a straight route. They should be routed over a ground
plane as much as possible. The capacitor ground pins should also be connected directly to a ground plane.
Surface mounting capacitors are preferred over wire-leaded types due to their lower ESR and ESL. It is often possible
to fit these decoupling capacitors underneath and on the opposite side of the PCB to the digital ICs. This will provide
the shortest tracking, and most effective decoupling possible.
CAUTION!
If a PCB is reworked to correct soldering faults relating to any device, or to any associated traces or
components, be sure that you fully understand the nature of the flux used during the rework process.
Leakage currents from hygroscopic ionic residues can stop capacitive sensors from functioning. If you
have any doubts, a thorough cleaning after rework may be the only safe option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com