Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F913E/SS301 Datasheet(PDF) 63 Page - Microchip Technology

Part # PIC16F913E/SS301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913E/SS301 Datasheet(HTML) 63 Page - Microchip Technology

Back Button PIC16F913E/SS301 Datasheet HTML 59Page - Microchip Technology PIC16F913E/SS301 Datasheet HTML 60Page - Microchip Technology PIC16F913E/SS301 Datasheet HTML 61Page - Microchip Technology PIC16F913E/SS301 Datasheet HTML 62Page - Microchip Technology PIC16F913E/SS301 Datasheet HTML 63Page - Microchip Technology PIC16F913E/SS301 Datasheet HTML 64Page - Microchip Technology PIC16F913E/SS301 Datasheet HTML 65Page - Microchip Technology PIC16F913E/SS301 Datasheet HTML 66Page - Microchip Technology PIC16F913E/SS301 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 61
PIC16F917/916/914/913
3.5.1
PIN DESCRIPTIONS AND
DIAGRAMS
Each PORTD pin is multiplexed with other functions. The
pins and their combined functions are briefly described
here. For specific information about individual functions
such as the comparator or the A/D, refer to the
appropriate section in this data sheet.
3.5.1.1
RD0/COM3
Figure 3-22 shows the diagram for this pin. The
RD0/COM3 pin is configurable to function as one of the
following:
• a general purpose I/O
• an analog input for the A/D
3.5.1.2
RD1
Figure 3-23 shows the diagram for this pin. The RD1
pin is configurable to function as one of the following:
• a general purpose I/O
3.5.1.3
RD2/CCP2
Figure 3-24 shows the diagram for this pin. The
RD2/CCP2 pin is configurable to function as one of the
following:
• a general purpose I/O
• a Capture input, Compare output or PWM output
3.5.1.4
RD3/SEG16
Figure 3-25 shows the diagram for this pin. The
RD3/SEG16 pin is configurable to function as one of
the following:
• a general purpose I/O
• an analog output for the LCD
3.5.1.5
RD4/SEG17
Figure 3-25 shows the diagram for this pin. The
RD4/SEG17 pin is configurable to function as one of
the following:
• a general purpose I/O
• an analog output for the LCD
3.5.1.6
RD5/SEG18
Figure 3-25 shows the diagram for this pin. The
RD5/SEG18 pin is configurable to function as one of
the following:
• a general purpose I/O
• an analog output for the LCD
3.5.1.7
RD6/SEG19
Figure 3-25 shows the diagram for this pin. The
RD6/SEG19 pin is configurable to function as one of
the following:
• a general purpose I/O
• an analog output for the LCD
3.5.1.8
RD7/SEG20
Figure 3-25 shows the diagram for this pin. The
RD7/SEG20 pin is configurable to function as one of
the following:
• a general purpose I/O
• an analog output for the LCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com