Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F913E/SS301 Datasheet(PDF) 156 Page - Microchip Technology

Part # PIC16F913E/SS301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913E/SS301 Datasheet(HTML) 156 Page - Microchip Technology

Back Button PIC16F913E/SS301 Datasheet HTML 152Page - Microchip Technology PIC16F913E/SS301 Datasheet HTML 153Page - Microchip Technology PIC16F913E/SS301 Datasheet HTML 154Page - Microchip Technology PIC16F913E/SS301 Datasheet HTML 155Page - Microchip Technology PIC16F913E/SS301 Datasheet HTML 156Page - Microchip Technology PIC16F913E/SS301 Datasheet HTML 157Page - Microchip Technology PIC16F913E/SS301 Datasheet HTML 158Page - Microchip Technology PIC16F913E/SS301 Datasheet HTML 159Page - Microchip Technology PIC16F913E/SS301 Datasheet HTML 160Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 154
Preliminary
© 2005 Microchip Technology Inc.
REGISTER 13-1:
EEDATL – EEPROM DATA LOW BYTE REGISTER (ADDRESS: 10Ch)
REGISTER 13-2:
EEADRL – EEPROM ADDRESS LOW BYTE REGISTER (ADDRESS: 10Dh)
REGISTER 13-3:
EEDATH – EEPROM DATA HIGH BYTE REGISTER (ADDRESS: 10Eh)
REGISTER 13-4:
EEADRH – EEPROM ADDRESS HIGH BYTE REGISTER (ADDRESS: 10Fh)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
EEDATL7
EEDATL6
EEDATL5
EEDATL4
EEDATL3
EEDATL2
EEDATL1
EEDATL0
bit 7
bit 0
bit 7-0
EEDATL<7:0>: Byte value to Write to or Read from data EEPROM bits or to Read from program memory
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
EEADRL7
EEADRL6
EEADRL5
EEADRL4
EEADRL3
EEADRL2
EEADRL1
EEADRL0
bit 7
bit 0
bit 7-0
EEADRL<7:0>: Specifies one of 256 locations for EEPROM Read/Write operation bits or low byte for
program memory reads
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
EEDATH5
EEDATH4
EEDATH3
EEDATH2 EEDATH1
EEDATH0
bit 7
bit 0
bit 5-0
EEDATH<5:0>: Byte value to Write to or Read from data EEPROM bits or to Read from program memory
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
EEADRH4
EEADRH3
EEADRH2
EEADRH1
EEADRH0
bit 7
bit 0
bit 4-0
EEADRH<4:0>: Specifies one of 256 locations for EEPROM Read/Write operation bits or high bits for
program memory reads
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com