Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FUSB3307MPX-PPS-GEVB Datasheet(PDF) 1 Page - ON Semiconductor

Part # FUSB3307MPX-PPS-GEVB
Description  USB Type-C Source Controller Supporting USB Power Delivery 3.0 w/PPS and a 4-Switch Buck Boost Controller Evaluation Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3307MPX-PPS-GEVB Datasheet(HTML) 1 Page - ON Semiconductor

  FUSB3307MPX-PPS-GEVB Datasheet HTML 1Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 2Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 3Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 4Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 5Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 6Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 7Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 8Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© Semiconductor Components Industries, LLC, 2020
January, 2020 − Rev. 0
1
Publication Order Number:
EVBUM2710/D
EVBUM2710/D
USB Type-C) Source
Controller Supporting USB
Power Delivery 3.0 w/PPS
and a 4-Switch Buck Boost
Controller Evaluation Board
User's Manual
FUSB3307MX−PPS−GEVB (SOIC14 Package)
FUSB3307MPX−PPS−GEVB* (QFNW20 Package)
STR−FUSB3307MX−PPS−EVK* (SOIC14 with Strata Support)
STR−FUSB3307MPX−PPS−EVK* (QFNW20 with Strata Support)
Introduction
The FUSB3307 evaluation board (GEVB), or kit (EVK), is a
complete platform to evaluate the Type−C interface detection and
USB Power Delivery 3.0 solution the FUSB3307 provides. The EVB
is designed for both stand−alone operation and connection to test
equipment for specific testing requirements. Using a single DC power
supply, the EVB functions as a source only port.
Description
The various FUSB3307 evaluation boards contain a USB Type−C
source controller supporting USB Power Delivery (PD) 3.0 with PPS
(Programmable Power Supply) based on USB PD 3.0 standards, as
well as a 4−stage buck boost controller, delivering VBUS levels from
3.3 V to 21 V, and supporting nominal current loads up to 5 A.
The evaluation board has a VBAT connector for a DC power supply.
It connects to the input switch of the NCV81599 DC to DC 4−Switch
Buck Boost Controller. The FUSB3307 is used for CV/CC control by
providing feedback compensation to the NCV81599 controller.
Charging voltages and currents are measured by detecting VFB and
the current sensing resistor. The sensed voltage and current feed to the
compensation logic and then controls the CATH pin for constant
voltage (CV) or constant current (CC) control. A 5 m
W VBUS load
sense resistor is assembled on the EVB.
On the EVB, there are multiple test points for device validation. For
example, VBUS and GND_SNS test points can be used for VBUS
load testing.
Key Features
• Wide Input Voltage Range 4.5 V ~ 32 V
• Wide Output Voltage Range 3.3 V ~ 21 V
• Type−C r1.4 / USB PD 3.0 v1.2 Compliant
• USB−IF TID # 1430
• Type−C Source Only
• Detects Cable Marker Identity and offers 3 A or 5 A
Power Objects
• VCONN Supply
• CV/CC Control with CATH Pin
• On Board 5 mW Rsense Resistor
• Over−Current/Short−Circuit Protection (OCP)
• Auto−tuning OCP for Low Output Voltages
• Over−Temperature Protection (OTP)
• Over− and Under−Voltage Protection (OVP/UVP)
• Cable Fault Detection
• External NFET for VBUS Control
• Easily Accessible Test Points for Rapid Evaluation and
Performance Measurements
www.onsemi.com
EVAL BOARD USER’S MANUAL
Figure 1. Evaluation Board Photo
*Not yet available


Similar Part No. - FUSB3307MPX-PPS-GEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB3307 ONSEMI-FUSB3307 Datasheet
616Kb / 21P
USB Power Delivery 3.0 Adaptive Source Charging Controller
July, 2020 ??Rev. 0
FUSB3307D6MNWTWG ONSEMI-FUSB3307D6MNWTWG Datasheet
616Kb / 21P
USB Power Delivery 3.0 Adaptive Source Charging Controller
July, 2020 ??Rev. 0
FUSB3307D6MX ONSEMI-FUSB3307D6MX Datasheet
616Kb / 21P
USB Power Delivery 3.0 Adaptive Source Charging Controller
July, 2020 ??Rev. 0
FUSB3307D6VMNWTWG ONSEMI-FUSB3307D6VMNWTWG Datasheet
616Kb / 21P
USB Power Delivery 3.0 Adaptive Source Charging Controller
July, 2020 ??Rev. 0
More results

Similar Description - FUSB3307MPX-PPS-GEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81239 ONSEMI-NCP81239 Datasheet
242Kb / 19P
USB Power Delivery 4-Switch Buck Boost Controller
July, 2016 ??Rev. 0
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
logo
ON Semiconductor
NCP81239 ONSEMI-NCP81239_18 Datasheet
253Kb / 20P
USB Power Delivery 4-Switch Buck Boost Controller
February, 2018 ??Rev. 4
logo
Rohm
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
USB Type-C Power Delivery Controller
logo
Analog Devices
LT8253 AD-LT8253 Datasheet
906Kb / 20P
40V USB Type-C Power Delivery Buck-Boost Controller
logo
ON Semiconductor
NCV81599 ONSEMI-NCV81599 Datasheet
1Mb / 33P
USB Power Delivery 4-Switch Buck Boost Controller
July, 2020 ??Rev. 0
FUSB3307 ONSEMI-FUSB3307 Datasheet
616Kb / 21P
USB Power Delivery 3.0 Adaptive Source Charging Controller
July, 2020 ??Rev. 0
FUSB3317 ONSEMI-FUSB3317 Datasheet
495Kb / 16P
Automotive USB Power Delivery Source Controller for USB-C
May, 2022-Rev. 0
FUSB15101 ONSEMI-FUSB15101 Datasheet
496Kb / 22P
Programmable USBType-C and Power Delivery 3.1 Source Controller with PPS Support
June, 2022 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com