Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FUSB3307MPX-PPS-GEVB Datasheet(PDF) 20 Page - ON Semiconductor

Part # FUSB3307MPX-PPS-GEVB
Description  USB Type-C Source Controller Supporting USB Power Delivery 3.0 w/PPS and a 4-Switch Buck Boost Controller Evaluation Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3307MPX-PPS-GEVB Datasheet(HTML) 20 Page - ON Semiconductor

Back Button FUSB3307MPX-PPS-GEVB Datasheet HTML 16Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 17Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 18Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 19Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 20Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 21Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 22Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 23Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
EVBUM2710/D
www.onsemi.com
20
Figure 58 shows the thermals for 36 W (12 V/3 A) and
Figure 59 shows the thermals for 45 W (15 V/3 A).
Figure 58. Thermal Image and Data for 36 W (12 V/3 A)
Figure 59. Thermal Image and Data for 45 W (15 V/3 A)
Region
Max (
°C)
FUSB3307
37
NCV81599
42
BUCK FET (HGATE1)
40
BOOST FET (HGATE2)
46
36 W − 12 V/3 A
Region
Max (
°C)
FUSB3307
39
NCV81599
45
BUCK FET (HGATE1)
43
BOOST FET (HGATE2)
52
45 W − 15 V/3 A
Figure 60 shows the thermals for 60 W (20 V/3 A).
Figure 60. Thermal Image and Data for 60 W (20 V/3 A)
Region
Max (
°C)
FUSB3307
49
NCV81599
58
BUCK FET (HGATE1)
60
BOOST FET (HGATE2)
76
60 W − 20 V/3 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com