Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FUSB3307MPX-PPS-GEVB Datasheet(PDF) 13 Page - ON Semiconductor

Part # FUSB3307MPX-PPS-GEVB
Description  USB Type-C Source Controller Supporting USB Power Delivery 3.0 w/PPS and a 4-Switch Buck Boost Controller Evaluation Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3307MPX-PPS-GEVB Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FUSB3307MPX-PPS-GEVB Datasheet HTML 9Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 10Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 11Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 12Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 13Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 14Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 15Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 16Page - ON Semiconductor FUSB3307MPX-PPS-GEVB Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
EVBUM2710/D
www.onsemi.com
13
Figure 28. Transient Load on 20 V BUS
VBUSOUT Voltage Ripple with and without Load
Below are the waveforms with VBAT at 12 V and
VBUSOUT voltage ripple for 5 V, with a 3 A load and no
load. VBUSOUT waveforms are shown. Figure 29 is 5 V
with 3 A load and Figure 30 is 5 V with no load.
Figure 29. VBUSOUT Ripple for 5 V / 3 A
Figure 30. VBUSOUT Ripple for 5 V / 0 A
Below are the waveforms with VBAT at 12 V and
VBUSOUT voltage ripple for 9 V, with a 3 A load and no
load. VBUSOUT waveforms are shown. Figure 31 is 9 V
with 3 A load and Figure 32 is 9 V with no load.
Figure 31. VBUSOUT Ripple for 9 V / 3 A
Figure 32. VBUSOUT Ripple for 9 V / 0 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com