Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PT-120-R-L11-MPD Datasheet(PDF) 5 Page - Luminus, Inc

Part # PT-120-R-L11-MPD
Description  Luminus LED Thermally Enhanced LED Projection Chipset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

PT-120-R-L11-MPD Datasheet(HTML) 5 Page - Luminus, Inc

  PT-120-R-L11-MPD Datasheet HTML 1Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 2Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 3Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 4Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 5Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 6Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 7Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 8Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Note 1:
Bin Kits are defined by a group of flux or power bins. Only one flux bin will be shipped in each individual pack. A shipment will contain packs of
different allowed flux bins for a particular ordering part number. In order to ensure availability, individual Flux or Power bins are not ordereable.
Note 2:
PT-120 LEDs are tested for luminous flux at 30 A at 25% duty cycle for Red, and Blue. and at 50% duty cycle for Green Devices.
Devices are sorted and packed by flux bin. Not all flux bins are are currrently populated.
Note 3:
Luminus maintains a test measurement accuracy for LED flux and power of +/- 6%.
Note 4:
Red and Green Flux bin limits apply across entire dominant wavelength range. Dominant wavelength range for Red and Green devices are
specified on the Optical & Electrical Characteristics section.
Note 5:
Blue Flux bin limits are defined at dominant wavelength, 462 nm.
Note 6:
Product is End-of-Life. Contact Luminus for more information.
5
PDS-002058 Rev 07 © 2019 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1140 Sonora Ct. • Sunnyvale, CA 94086 USA
Red Flux Bins 6
Bin 5C
Bin 5D
Bin 5E
Bin 5F
Bin 5G
Bin 5H
Bin 5J
Red Bin Flux Range4 (lm)
1490-1630 1630-1760 1760-1900 1900-2025 2025-2150 2150-2300 2300-2450
PT-120-R-L11-MPD 6
þ
þ
þ
þ
þ
PT-120-R-L11-MPE6
þ
þ
þ
þ
þ
PT-120-R-L11-MPF 6
þ
þ
þ
þ
þ
Red -Amber Flux Bins 6
Bin 5D
Bin 5E
Bin 5F
Bin 5G
Bin 5H
Bin 5J
Bin 5K
Bin 5L
Red -Amber( RA )
Bin Flux Range4 (lm)
1630-1760 1760-1900 1900-2025 2025-2150 2150-2300 2300-2450 2450-2625 2625-2800
PT-120-RA-L11-MPE 6
þ
þ
þ
þ
þ
PT-120-RA-L11-MPF 6
þ
þ
þ
þ
þ
PT-120-RA-L11-MPG 6
þ
þ
þ
þ
þ
PT-120-RA-L11-MPH 6
þ
þ
þ
þ
þ
RAX Flux Bins
Bin 5H
Bin 5J
Bin 5K
Bin 5L
Bin 5M
Bin 5N
Bin 5P
Bin 5Q
RAX
Bin Flux Range4 (lm)
2150-2300 2300-2450 2450-2625 2625-2800 2800-3000 3000-3200 3200-3400 3400-3600
PT-120-RAX-L15-MPH
þ
þ
þ
þ
þ
PT-120-RAX-L15-MPJ
þ
þ
þ
þ
þ
PT-120-RAX-L15-MPK
þ
þ
þ
þ
þ
PT-120-RAX-L15-MPL
þ
þ
þ
þ
þ
Green Flux Bins
Bin 5J
Bin 5K
Bin 5L
5M
5N
5P
5Q
Green Bin Flux Range4 (lm)
4200-4400 4400-4650 4650-4900 4900-5200 5200-5500 5500-5825 5825-6200
PT-120-G-L11-MPK
þ
þ
þ
þ
þ
þ
PT-120-G-L11-MPL
þ
þ
þ
þ
þ
þ
PT-120-G-L11-MPM
þ
þ
þ
þ
þ
PT-120-G-L11-MPN
þ
þ
þ
þ
Blue Power Bins
Bin 5F
Bin 5G
Bin 5H
Bin 5J
Bin 5K
Bin 5L
5M
5N
Blue Bin Flux Range5 (lm)
750-815
815-880
880-940
940-1000
1000-1070 1070-1145 1145-1220 1220-1300
PT-120-B-L11-EPDnnn
þ
þ
þ
þ
þ
PT-120-B-L11-EPEnnn
þ
þ
þ
þ
þ
PT-120-B-L11-EPFnnn
þ
þ
þ
þ
þ
PT-120 Bin Kit1 and Flux Bin2,3,4 Definitions
Note: Please refer to ordering part number table on page 3 for Bin Kit availability.
PT-120-TE Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com