Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PT-120-R-L11-MPD Datasheet(PDF) 10 Page - Luminus, Inc

Part # PT-120-R-L11-MPD
Description  Luminus LED Thermally Enhanced LED Projection Chipset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

PT-120-R-L11-MPD Datasheet(HTML) 10 Page - Luminus, Inc

Back Button PT-120-R-L11-MPD Datasheet HTML 6Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 7Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 8Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 9Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 10Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 11Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 12Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 13Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 14Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Compact SBT-16 Product Datasheet
0
0.2
0.4
0.6
0.8
1
1.2
-90
-70
-50
-30
-10
10
30
50
70
90
Angle [degrees]
Red
Cosine function
10
PDS-002058 Rev 07 © 2019 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1140 Sonora Ct. • Sunnyvale, CA 94086 USA
Note 1:
For Pulsed operation, the reference R,G, and B duty cycles used are 25%, 50% and 25% respectively (T
hs=40
o
C; Frequency =720 Hz).
Note 2:
Square on curves indicate device operating current point (30A) under reference conditions listed in the Optical and Electrical Characteristics table.
Note 3:
Typical spectrum at recommended peak drive current . Please contact Luminus to obtain data in Excel format.
Note 4:
For any specific device, slight variations in angular intensity distribution may be expected.
PT-120-TE Product Datasheet
Optical Spectrum (Typical)
See notes 1, 3 on page 9.
Angular Intensity Distribution (Typical)
See note 4 on page 9.
0
0.2
0.4
0.6
0.8
1
1.2
-90
-70
-50
-30
-10
10
30
50
70
90
Angle [degrees]
Green
Cosine function
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
380
420
460
500
540
580
620
660
700
740
780
Wavelength (nm)
Luminus LED Typical Spectral Distribuon
Luminus EP Blue
Luminus Green
Luminus Red
Photopic Response
Luminus Red Amber
0
0.2
0.4
0.6
0.8
1
1.2
-90
-70
-50
-30
-10
10
30
50
70
90
Angle [degrees]
Blue
Cosine function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com