Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PT-120-R-L11-MPD Datasheet(PDF) 8 Page - Luminus, Inc

Part # PT-120-R-L11-MPD
Description  Luminus LED Thermally Enhanced LED Projection Chipset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

PT-120-R-L11-MPD Datasheet(HTML) 8 Page - Luminus, Inc

Back Button PT-120-R-L11-MPD Datasheet HTML 4Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 5Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 6Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 7Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 8Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 9Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 10Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 11Page - Luminus, Inc PT-120-R-L11-MPD Datasheet HTML 12Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
PDS-002058 Rev 07 © 2019 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1140 Sonora Ct. • Sunnyvale, CA 94086 USA
Note 1:
Flux Min, Max values are continuous as function of dominant wavelength values. For illustration purposes, flux Min and Max values are provided at discrete
dominant wavelength values.
Note 2:
Luminus maintains a test measurement accuracy for LED flux and power of +/- 6%.
Bin 5F
Bin 5G
Bin 5H
Bin 5J
Bin 5K
Bin 5L
Bin 5M
Bin 5N
DWL
Min
(lm)
Max
(lm)
Min
(lm)
Max
(lm)
Min
(lm)
Max
(lm)
Min
(lm)
Max
(lm)
Min
(lm)
Max
(lm)
Min
(lm)
Max
(lm)
Min
(lm)
Max
(lm)
Min
(lm)
Max
(lm)
450
367
398
398
430
430
459
459
489
489
523
523
560
560
596
596
635
451
399
433
433
468
468
500
500
531
531
569
569
608
608
648
648
691
452
431
468
468
505
505
540
540
574
574
614
614
657
657
700
700
746
453
462
503
503
543
543
580
580
617
617
660
660
706
706
752
752
802
454
494
537
537
580
580
620
620
659
659
705
705
755
755
804
804
857
455
526
572
572
618
618
660
660
702
702
751
751
804
804
856
856
912
456
558
607
607
655
655
700
700
744
744
797
797
852
852
908
908
968
457
590
641
641
693
693
740
740
787
787
842
842
901
901
960
960
1023
458
622
676
676
730
730
780
780
830
830
888
888
950
950
1012
1012
1078
459
654
711
711
768
768
820
820
872
872
933
933
999
999
1064
1064
1134
460
686
746
746
805
805
860
860
915
915
979
979
1047
1047
1116
1116
1189
461
718
780
780
843
843
900
900
957
957
1024
1024
1096
1096
1168
1168
1245
462
750
815
815
880
880
940
940
1000
1000
1070
1070
1145
1145
1220
1220
1300
463
782
850
850
917
917
980
980
1043
1043
1116
1116
1194
1194
1272
1272
1355
464
814
884
884
955
955
1020
1020
1085
1085
1161
1161
1243
1243
1324
1324
1411
465
846
919
919
992
992
1060
1060
1128
1128
1207
1207
1291
1291
1376
1376
1466
466
878
954
954
1030
1030
1100
1100
1170
1170
1252
1252
1340
1340
1428
1428
1522
467
910
989
989
1067
1067
1140
1140
1203
1203
1298
1298
1389
1389
1480
1480
1577
468
942
1023
1023
1105
1105
1180
1180
1256
1256
1343
1343
1438
1438
1532
1532
1632
Blue Bin Flux Ranges by Dominant Wavelength 1,2
PT-120-TE Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com