Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM1233MS-5F Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM1233MS-5F
Description  Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1233MS-5F Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM1233MS-5F Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ASM1233D-L/D/M
4 of 11
Notice: The information in this document is subject to change without notice
Low Power, 5V/3.3V, µP Reset, Active LOW, Open-Drain Output
rev 1.3
March 2005
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Voltage on VCC
-0.5
7
V
Voltage on RESET
-0.5
VCC + 0.5
V
Operating Temperature Range
-40
85
°C
Soldering Temperature (for 10 sec)
260
°C
Storage Temperature
-55
125
°C
ESD rating
HBM
MM
2
200
KV
V
NOTE: These are stress ratings only and functional use is not implied. Exposure to absolute maximum ratings for prolonged
periods of time may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com