Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM1233MS-5F Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM1233MS-5F
Description  Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1233MS-5F Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM1233MS-5F Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ASM1233D-L/D/M
5 of 11
Notice: The information in this document is subject to change without notice
Low Power, 5V/3.3V, µP Reset, Active LOW, Open-Drain Output
rev 1.3
March 2005
Electrical Characteristics
Unless otherwise noted, VCC = 5V+10% and specifications are over the operating temperature range of -40°C to +85°C.
All voltages are referenced to ground.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
1.2
5.5
V
Output Voltage
VOL
RESET asserted
-
-
0.4
V
VOH
IOUT < 500 µA
VCC-0.5V
VCC-0.1V
Output Current
IOL
Output = 0.4V
8
mA
Operating Current
ICC
VCC < 5.5V, RESET output open
820
µA
VCC < =3.6V, RESET output open
615
VCC Trip Point
VCCTP
ASM1233D-LZ-5
2.98
3.06
3.15
V
ASM1233D-LZ-10
2.8
2.88
2.97
ASM1233D-LZ-15
2.64
2.72
2.8
ASM1233DZ-5
4.5
4.625
4.74
ASM1233DZ-10
4.25
4.375
4.49
ASM1233DZ-15
4.0
4.125
4.24
ASM1233M-5
4.25
4.375
4.49
ASM1233M-55
4.5
4.625
4.75
ASM1233M-3
2.64
2.72
2.8
Voltage High Trip Level
VHTL
ASM1233D, ASM1233MS-5,
ASM1233MS-55
4.75
V
ASM1233MS-3
3.14
ASM1233D-L
3.06
Voltage Low Trip Level
VLTL
ASM1233D, ASM1233MS-5,
ASM1233MS-55
4.00
V
ASM1233MS-3
2.48
ASM1233D-L
2.3
Internal Pull-up Resistor
RP
3.5
5.0
7.5
k
Ω
Output Capacitance
COUT
10
pF
VCC Detect to RESET Low
tRPD
210
µs
VCC Detect to RESET High
tRPU
ASM1233D-L, ASM1233M
200
350
500
ms
ASM1233D
250
350
450
VCC Slew Rate
(VHTL - VLTL)
tF
300
µs
VCC Slew Rate
(VLTL - VHTL)
tR
0ns
Note: A 1k
Ω resistor maybe required in some applications for proper operation of the microprocessor reset control circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com