Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM1233MS-5F Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # ASM1233MS-5F
Description  Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1233MS-5F Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button ASM1233MS-5F Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM1233MS-5F Datasheet HTML 11Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ASM1233D-L/D/M
9 of 11
Notice: The information in this document is subject to change without notice
Low Power, 5V/3.3V, µP Reset, Active LOW, Open-Drain Output
rev 1.3
March 2005
To-92 (3-Pin)
Dimensions in Inches
Dimensions in Millimeters
Min
Max
Min
Max
TO-92
A
0.175
0.185
4.445
4.699
b
0.016
0.020
0.406
0.508
C
0.014
0.016
0.356
0.406
φD
0.175
0.185
4.445
4.699
E
0.138
0.144
3.505
3.658
e
0.098
0.102
2.489
2.591
e1
0.045
0.055
1.143
1.397
j
0.168
0.174
4.269
4.420
L
0.500
0.585
12.7
14.86
s
0.095
0.099
2.413
2.515



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com