Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47CVB02 Datasheet(PDF) 66 Page - Microchip Technology

Part # MCP47CVB02
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB02 Datasheet(HTML) 66 Page - Microchip Technology

Back Button MCP47CVB02 Datasheet HTML 62Page - Microchip Technology MCP47CVB02 Datasheet HTML 63Page - Microchip Technology MCP47CVB02 Datasheet HTML 64Page - Microchip Technology MCP47CVB02 Datasheet HTML 65Page - Microchip Technology MCP47CVB02 Datasheet HTML 66Page - Microchip Technology MCP47CVB02 Datasheet HTML 67Page - Microchip Technology MCP47CVB02 Datasheet HTML 68Page - Microchip Technology MCP47CVB02 Datasheet HTML 69Page - Microchip Technology MCP47CVB02 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 124 page
background image
MCP47CXBXX
DS20006089B-page 66
 2018-2019 Microchip Technology Inc.
5.5
Power-Down Operation
To allow the application to conserve power when DAC
operation is not required, three Power-Down modes
are available. On devices with multiple DACs, each
DAC’s Power-Down mode is individually controllable.
All Power-Down modes do the following:
• Turn off most of the DAC module’s internal circuits
• Op amp output becomes high-impedance to the
VOUT pin
• Retain the value of the Volatile DAC register and
Configuration bits
Depending on the selected Power-Down mode, the
following will occur:
•VOUT pin is switched to one of the two resistive
pull-downs:
-100 k
 (typical)
-1 k
 (typical)
• Op amp is powered down and the VOUT pin
becomes high-impedance
The Power-Down Configuration bits (PD1:PD0) control
the power-down operation (Table 5-4).
TABLE 5-4:
POWER-DOWN BITS AND
OUTPUT RESISTIVE LOAD
There is a delay (TPDD) between the PD1:PD0 bits
changing from ‘00’ to either ‘01’, ‘10’ or ‘11’ and the
op amp no longer driving the VOUT output, and the
pull-down resistors’ sinking current.
In any of the Power-Down modes, where the VOUT pin
is not externally connected (sinking or sourcing cur-
rent), as the number of DACs increases, the device’s
power-down current will also increase.
Table 5-5 shows the current sources for the DAC based
on the selected source of the DAC’s reference voltage
and if the device is in normal operating mode or one of
the Power-Down modes.
The power-down bits are modified by using a write
command to the Volatile Power-Down register, or a POR
event, which transfers the Nonvolatile Power-Down
register to the Volatile Power-Down register.
Section 7.0 “Device Commands” describes the I2C
commands for writing the power-down bits. The
commands that can update the volatile PD1:PD0 bits are:
•Write
• General Call Reset
• General Call Wake-up
5.5.1
EXITING POWER-DOWN
The following events change the PD1:PD0 bits to ‘00’,
and therefore, exit the Power-Down mode. These are:
•Any I2C Write Command, where the PD1:PD0 bits
are ‘00’
•I2C General Call Wake-up Command
•I2C General Call Reset Command
When the device exits Power-Down mode, the
following occurs:
• Disabled internal circuits are turned on
• Resistor ladder is connected to the selected
Reference Voltage (VRL)
• Selected pull-down resistor is disconnected
•The VOUT output is driven to the voltage
represented by the Volatile DAC register’s value
and Configuration bits
The DAC Wiper register and DAC wiper value may be
different due to the DAC Wiper register being modified
while the LAT pin was driven to (and remaining at) VIH.
The VOUT output signal requires time as these circuits
are powered up and the output voltage is driven to the
specified value, as determined by the Volatile DAC
register and Configuration bits.
PD1
PD0
Function
00
Normal operation
01
1k
 resistor to ground
10
100 k
 resistor to ground
11
Open circuit
TABLE 5-5:
DAC CURRENT SOURCES
Device VDD Current
Source
PDxB:xA = 00,
VREFxB:xA =
PDxB:xA
 00,
VREFxB:xA =
00 01 10
11
00
01 10 11
Output Op Amp
Y
Y
Y
Y
N
N
N
N
Resistor Ladder
Y
Y N(1)
YN
N N(1) N
VREF Selection Buffer N
Y
N
Y
N
N
N
N
Band Gap
N
Y
N
N
N(2) Y(2) N(2) N(2)
Note 1: The current is sourced from the VREF pin, not the
device VDD.
2: If DAC0 and DAC1 are in one of the Power-Down
modes, MTP write operations are not recommended.
Note 1: The I2C serial interface circuit is not
affected by the Power-Down mode. This
circuit remains active in order to receive
any command that might come from the
I2C Master device.
2: A General Call Reset will do the POR
event sequence, except that the MTP
shadow memory values will be transfered
to the Volatile Memory registers.
Note:
Since the op amp and resistor ladder were
powered off (0V), the op amp’s Input
Voltage (VW) can be considered as 0V.
There is a delay (TPDE) between the
PD1:PD0 bits updating to ‘00’ and the
op amp driving the VOUT output. The
op amp’s settling time (from 0V) needs to
be taken into account to ensure the VOUT
voltage reflects the selected value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com