Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47CVB02 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP47CVB02
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB02 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP47CVB02 Datasheet HTML 8Page - Microchip Technology MCP47CVB02 Datasheet HTML 9Page - Microchip Technology MCP47CVB02 Datasheet HTML 10Page - Microchip Technology MCP47CVB02 Datasheet HTML 11Page - Microchip Technology MCP47CVB02 Datasheet HTML 12Page - Microchip Technology MCP47CVB02 Datasheet HTML 13Page - Microchip Technology MCP47CVB02 Datasheet HTML 14Page - Microchip Technology MCP47CVB02 Datasheet HTML 15Page - Microchip Technology MCP47CVB02 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 124 page
background image
MCP47CXBXX
DS20006089B-page 12
 2018-2019 Microchip Technology Inc.
DC CHARACTERISTICS (CONTINUED)
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40°C
 TA  +125°C (Extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, VREF = +1.000V to VDD, VSS =0V, RL =2 k from VOUT to GND, CL = 100 pF.
Typical specifications represent values for VDD =5.5V, TA =+25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
External Reference (VREF)
Input Range(1)
VREF
VSS
—VDD
V
VRxB:VRxA = 10
(Unbuffered mode)
Input Capacitance
CREF
—29
—
pF
VRxB:VRxA = 10
(Unbuffered mode)
Input Impedance
RL
See
Resistor Ladder Resistance(6)
k
2.7V
 VDD  5.5V,
VRxB:VRxA = 10, VREF  VDD
Current through VREF(1)
IVREF
—
—
172.15
µA
Mathematically from RVREF(min)
spec (at 5.5V)
Total Harmonic
Distortion(1)
THD
—
-76
—
dB
VREF = 2.048V ± 0.1V,
VRxB:VRxA = 10, Gx = 0,
Frequency = 1 kHz
Dynamic Performance
Major Code Transition Glitch
(see C.14 “Major Code
Transition Glitch”)
—
—
10
—
nV-s
1 LSb change around major carry
(7FFh to 800h)
Digital Feedthrough (see C.15
“Digital Feedthrough”)
——
<2
—
nV-s
Note 1
This parameter is ensured by design.
Note 6
Resistance is defined as the resistance between the VREF pin (mode VRxB:VRxA = 10) to the VSS pin.
For dual channel devices (MCP47CXBX2), this is the effective resistance of each resistor ladder. The
resistance measurement is one of the two resistor ladders measured in parallel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com