Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47CVB02 Datasheet(PDF) 67 Page - Microchip Technology

Part # MCP47CVB02
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB02 Datasheet(HTML) 67 Page - Microchip Technology

Back Button MCP47CVB02 Datasheet HTML 63Page - Microchip Technology MCP47CVB02 Datasheet HTML 64Page - Microchip Technology MCP47CVB02 Datasheet HTML 65Page - Microchip Technology MCP47CVB02 Datasheet HTML 66Page - Microchip Technology MCP47CVB02 Datasheet HTML 67Page - Microchip Technology MCP47CVB02 Datasheet HTML 68Page - Microchip Technology MCP47CVB02 Datasheet HTML 69Page - Microchip Technology MCP47CVB02 Datasheet HTML 70Page - Microchip Technology MCP47CVB02 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 67
MCP47CXBXX
TABLE 5-6:
DAC INPUT CODE VS. CALCULATED ANALOG OUTPUT (VOUT) (VDD = 5.0V)
Device
Volatile DAC
Register Value
VRL(1)
LSb
Gain
Selection (2)
VOUT(3)
Equation
µV
Equation
V
1111 1111 1111
5.0V
5.0V/4096
1,220.7
1x
VRL  (4095/4096)  1
4.998779
2.5V
2.5V/4096
610.4
1x
VRL  (4095/4096)  1
2.499390
2x(2)
VRL  (4095/4096)  2)
4.998779
0111 1111 1111
5.0V
5.0V/4096
1,220.7
1x
VRL  (2047/4096)  1)
2.498779
2.5V
2.5V/4096
610.4
1x
VRL  (2047/4096)  1)
1.249390
2x(2)
VRL  (2047/4096)  2)
2.498779
0011 1111 1111
5.0V
5.0V/4096
1,220.7
1x
VRL  (1023/4096)  1)
1.248779
2.5V
2.5V/4096
610.4
1x
VRL  (1023/4096)  1)
0.624390
2x(2)
VRL  (1023/4096)  2)
1.248779
0000 0000 0000
5.0V
5.0V/4096
1,220.7
1x
VRL  (0/4096) * 1)
0
2.5V
2.5V/4096
610.4
1x
VRL  (0/4096) * 1)
0
2x(2)
VRL  (0/4096) * 2)
0
11 1111 1111
5.0V
5.0V/1024
4,882.8
1x
VRL  (1023/1024)  1
4.995117
2.5V
2.5V/1024
2,441.4
1x
VRL  (1023/1024)  1
2.497559
2x(2)
VRL  (1023/1024)  24.995117
01 1111 1111
5.0V
5.0V/1024
4,882.8
1x
VRL  (511/1024)  1
2.495117
2.5V
2.5V/1024
2,441.4
1x
VRL  (511/1024)  1
1.247559
2x(2)
VRL  (511/1024)  22.495117
00 1111 1111
5.0V
5.0V/1024
4,882.8
1x
VRL  (255/1024)  1
1.245117
2.5V
2.5V/1024
2,441.4
1x
VRL  (255/1024)  1
0.622559
2x(2)
VRL  (255/1024)  2
1.245117
00 0000 0000
5.0V
5.0V/1024
4,882.8
1x
VRL  (0/1024)  1
0
2.5V
2.5V/1024
2,441.4
1x
VRL  (0/1024)  1
0
2x(2)
VRL  (0/1024)  10
1111 1111
5.0V
5.0V/256
19,531.3
1x
VRL  (255/256)  1
4.980469
2.5V
2.5V/256
9,765.6
1x
VRL  (255/256)  1
2.490234
2x(2)
VRL  (255/256)  2
4.980469
0111 1111
5.0V
5.0V/256
19,531.3
1x
VRL  (127/256)  1
2.480469
2.5V
2.5V/256
9,765.6
1x
VRL  (127/256)  1
1.240234
2x(2)
VRL  (127/256)  2
2.480469
0011 1111
5.0V
5.0V/256
19,531.3
1x
VRL  (63/256)  1
1.230469
2.5V
2.5V/256
9,765.6
1x
VRL  (63/256)  1
0.615234
2x(2)
VRL  (63/256)  2
1.230469
0000 0000
5.0V
5.0V/256
19,531.3
1x
VRL  (0/256)  1
0
2.5V
2.5V/256
9,765.6
1x
VRL  (0/256)  1
0
2x(2)
VRL  (0/256)  20
Note 1:
VRL is the resistor ladder’s reference voltage. It is independent of the VREF1:VREF0 selection.
2:
Gain selection of 2x (Gx = 1) requires the voltage reference source to come from the VREF pin
(VREF1:VREF0 = 10 or 11) and requires VREF pin voltage (or VRL) ≤ VDD/2 or from the internal band gap
(VREF1:VREF0 = 01).
3:
These theoretical calculations do not take into account the offset, gain and nonlinearity errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com