Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST-90-R-F11-HG Datasheet(PDF) 5 Page - Luminus, Inc

Part # SST-90-R-F11-HG
Description  Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-90-R-F11-HG Datasheet(HTML) 5 Page - Luminus, Inc

  SST-90-R-F11-HG Datasheet HTML 1Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 2Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 3Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 4Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 5Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 6Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 7Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 8Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
PDS-002760 Rev 01
© 2015 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
175 New Boston Street • Woburn, MA 01801
SST-90-R Product Datasheet
Product Shipping & Labeling Information3
All SST-90 products are packaged and labeled with their respective bin as outlined in the tables on page 4. When shipped, each package
will only contain one flux and chromaticity bin.
The part number designation is as follows:
SST
90
X
F11
FF
WW
Product Family
Chip Area
Color
Package Configuration
Flux Bin
Wavelength Bin
Surface Mount
(Lens)
9.0 mm2
R: Red
F11: Surface mount, shipped
in 25 unit trays.
R11: Surface mount Starboard
PCB, shipped in trays.
See page 3 for bins
See page 3 for bins
Example:
The part number SST-90-R-F11-BJ-R3 refers to a red, SST-90 surface mount, with a flux range of 475-600 lumens and a wavelength range of 615 nm to
619 nm.
Note 3: Some flux and chromaticity/ wavelength bins may have limited availability. Application specific bin kits, consisting of multiple bins, may be
available. For ordering information, please refer to pages 4 and 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com