Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST-90-R-F11-HG Datasheet(PDF) 10 Page - Luminus, Inc

Part # SST-90-R-F11-HG
Description  Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-90-R-F11-HG Datasheet(HTML) 10 Page - Luminus, Inc

Back Button SST-90-R-F11-HG Datasheet HTML 6Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 7Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 8Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 9Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 10Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 11Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 12Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 13Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 14Page - Luminus, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
1100 Technology Park Drive • Billerica, MA 01821
SST-90-R Product Datasheet
Mechanical Dimensions – SST-90 Over-Molded
For detailed drawing please refer to DWG-002519 document
10
PDS-002760 Rev 01
© 2015 Luminus Devices, Inc. - All Rights Reserved
10.00+.15
.00
11.00+.15
.00
3.0
DIE EMITTING
AREA
3.0
DIE EMITTING
AREA
E
E
S 8.00
4.42
TOP OF DIE EMITTING
AREA TO TOP OF
OVERMOLDED LENS
5.32±.13
SECTION E-E
5.1 7.1
9.9
1.4
3X 9.0
NOTCH INDICATES
ANODE (+)
9.9
1.4
3X 9.0
5.1
7.1
RECOMMENDED
SOLDER PAD LAYOUT
DIMENSIONS IN MILLIMETERS
Note: Luminus currently ships both an overmolded and a glass lens-based version of the SST-90 package that are functionally compatible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com