Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST-90-R-F11-HG Datasheet(PDF) 7 Page - Luminus, Inc

Part # SST-90-R-F11-HG
Description  Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-90-R-F11-HG Datasheet(HTML) 7 Page - Luminus, Inc

Back Button SST-90-R-F11-HG Datasheet HTML 3Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 4Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 5Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 6Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 7Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 8Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 9Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 10Page - Luminus, Inc SST-90-R-F11-HG Datasheet HTML 11Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
PDS-002760 Rev 01
© 2015 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
175 New Boston Street • Woburn, MA 01801
SST-90-R Product Datasheet
Absolute Maximum Ratings
Common Characteristics
Symbol
Red
Unit
Emitting Area
9.0
mm2
Emitting Area Dimensions
3.0x3.0
mmxmm
Dynamic Resistance
Ω
dyn
0.03
Ω
Thermal Coefficient of Photometric Flux
-0.96
%/ ºC
Thermal Coefficient of Radiometric Flux
-0.52
%/ ºC
Thermal Coefficient of Junction Voltage
-1.3
mV/ ºC
Note 10: Special design considerations must be observed for operation under 1A. Please contact Luminus for further information.
Note 11: SST-90 R LEDs are designed for operation to an absolute maximum current as specified above. Product lifetime data is specified at recommended
forward drive currents. Sustained operation at or beyond absolute maximum currents will result in a reduction of device life ime compared to
recommended forward drive currents. Actual device lifetimes will also depend on junction temperature. Refer to the lifetime derating curves for
further information. In pulsed operation, rise time from 10-90% of forward current should be larger than 0.5 microseconds.
Note 12: Lifetime dependent on LED junction temperature. Input power and thermal system must be properly managed to ensure lifetime. See charts on page
8 for further information.
Symbol
Red
Unit
Absolute Minimum Current (CW or Pulsed)10
I
fmin
0.2
A
Absolute Maximum Current (CW)11
I
fmax
18
A
Absolute Maximum Surge Current (t=20ms, duty cycle
<=25%)11
22.5
A
Absolute Maximum Junction Temperature12
T
jmax
110
ºC
Storage Temperature Range
-40/+100
ºC
Optical & Electrical Characteristics Notes
Note 4: All ratings are based on a junction test temperature T
j = 25ºC. See Thermal Resistance section for Tj definition.
Note 5: Listed drive conditions are typical for common applications. SST-90 R devices can be driven at continuous currents ranging from <1.0 A to
9.0 A and at duty cycles ranging from 1% to 100%. Drive current and duty cycle should be adjusted as necessary to maintain the junction
temperature desired to meet application lifetime requirements.
Note 6:
Unless otherwise noted, values listed are typical. Devices are production tested and specified at 3.15A. Other values are for reference only.
Note 7: Total flux from emitting area at listed dominant wavelength. Reported performance is included to show trends for a selected power level.
For specific minimum and maximum values, use bin tables. For product roadmap and future performance of devices, contact Luminus.
Note 8: In CIE 1931 chromaticity diagram coordinates, normalized to X+Y+Z=1.
Note 9: For reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com