Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSR-90-W57S-R11-N3 Datasheet(PDF) 4 Page - Luminus, Inc

Part # SSR-90-W57S-R11-N3
Description  Extremely high optical output White LED: up to 4,000lm at 18A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SSR-90-W57S-R11-N3 Datasheet(HTML) 4 Page - Luminus, Inc

  SSR-90-W57S-R11-N3 Datasheet HTML 1Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 2Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 3Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 4Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 5Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 6Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 7Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 8Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
PDS-001342 Rev 15 © 2015 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
175 New Boston Street • Woburn, MA 01801
The following tables describe the four chromaticity points that bound each chromaticity bin. Chromaticity bins are grouped together
based on the color temperature.
SST-90-W Product Datasheet
6500K Chromaticity Bins
Bin Code
(WW)
CIEx
CIEy
DG
0.307
0.311
0.322
0.326
0.323
0.316
0.309
0.302
F3*
0.305
0.321
0.313
0.329
0.315
0.319
0.307
0.311
F4*
0.303
0.330
0.312
0.339
0.313
0.329
0.305
0.321
G3*
0.313
0.329
0.321
0.337
0.322
0.326
0.315
0.319
G4*
0.312
0.339
0.321
0.348
0.321
0.337
0.313
0.329
EF
0.302
0.335
0.320
0.354
0.321
0.348
0.303
0.330
DE
0.283
0.304
0.303
0.330
0.307
0.311
0.289
0.293
DF
0.289
0.293
0.307
0.311
0.309
0.302
0.293
0.285
5700K Chromaticity Bins
Bin Code
(WW)
CIEx
CIEy
DJ
0.322
0.324
0.337
0.337
0.336
0.326
0.323
0.314
H3*
0.321
0.335
0.329
0.342
0.329
0.331
0.322
0.324
H4*
0.321
0.346
0.329
0.354
0.329
0.342
0.321
0.335
J3*
0.329
0.342
0.337
0.349
0.337
0.337
0.330
0.331
J4*
0.329
0.354
0.338
0.362
0.337
0.349
0.329
0.342
EH
0.320
0.352
0.338
0.368
0.338
0.362
0.321
0.346
*Sub-bins within ANSI defined quadrangles per ANSI C78.377-2008
Note : CIE Measurement uncertainty for white devices is in estimated to be +/- 0.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com