Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSR-90-W57S-R11-N3 Datasheet(PDF) 16 Page - Luminus, Inc

Part # SSR-90-W57S-R11-N3
Description  Extremely high optical output White LED: up to 4,000lm at 18A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SSR-90-W57S-R11-N3 Datasheet(HTML) 16 Page - Luminus, Inc

Back Button SSR-90-W57S-R11-N3 Datasheet HTML 8Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 9Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 10Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 11Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 12Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 13Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 14Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 15Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 16Page - Luminus, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Rev
Date
Description of Change
14
09/30/2015
•
Removed SST-90-G and SST-90-B information (discontinued)
•
Removed SST-90-R information – it will be documented in a new dedicated datasheet (PDS-002760)
•
Merged binning and labelling document with datasheet
•
Updated datasheet information to reflect enhancements from the over-molded design:
•
Reduced thermal resistance
•
Increase maximum current
•
Updated all parametric curves to reflect latest performance and added additional curves not docu-
mented in earlier revisions
•
Updated spectra and angular distribution to reflect latest characterization data
•
Added note on Tape and Reel drawing reflecting new reel size of 100 units for overmold design
•
Added history of change section
•
Editorial fixes
15
11/16/2015
•
Updated tape and reel information to reflect new 7” reel size (100 units)
•
Editorial fixes page 7 – notes and absolute maximum surge current
History of Changes
16
PDS-001342 Rev 15 © 2015 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
175 New Boston Street • Woburn, MA 01801
SST-90-W Product Datasheet
The products, their specifications and other information appearing in this document are subject to change by Luminus Devices without notice. Luminus
Devices assumes no liability for errors that may appear in this document, and no liability otherwise arising from the application or use of the product or
information contained herein. None of the information provided herein should be considered to be a representation of the fitness or suitability of the
product for any particular application or as any other form of warranty. Luminus Devices’product warranties are limited to only such warranties as
accompany a purchase contract or purchase order for such products. Nothing herein is to be construed as constituting an additional warranty. No
information contained in this publication may be considered as a waiver by Luminus Devices of any intellectual property rights that Luminus Devices
may have in such information.
This product is protected by U.S. Patents 6,831,302; 7,074,631; 7,083,993; 7,084,434; 7,098,589; 7,105,861; 7,138,666; 7,166,870; 7,166,871; 7,170,100;
7,196,354; 7,211,831; 7,262,550; 7,274,043; 7,301,271; 7,341,880; 7,344,903; 7,345,416; 7,348,603; 7,388,233; 7,391,059 Patents Pending in the U.S. and
other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com