Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSR-90-W57S-R11-N3 Datasheet(PDF) 5 Page - Luminus, Inc

Part # SSR-90-W57S-R11-N3
Description  Extremely high optical output White LED: up to 4,000lm at 18A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SSR-90-W57S-R11-N3 Datasheet(HTML) 5 Page - Luminus, Inc

  SSR-90-W57S-R11-N3 Datasheet HTML 1Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 2Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 3Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 4Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 5Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 6Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 7Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 8Page - Luminus, Inc SSR-90-W57S-R11-N3 Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
PDS-001342 Rev 15 © 2015 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
175 New Boston Street • Woburn, MA 01801
SST-90-R Product Datasheet
Ordering Information
Product Family
LED Emission Area
Color
Package Configuration
Bin kit
SST: Surface mount device,
Encapsulated
SSR: Surface mount device
mounted on an aluminum
star board
90: 9.0 mm2
W = White
NN: 57=5700k
65=6500k
S: Standard CRI
F11: 10.0 mm x 11.0 mm -
Surface mount, shipped in
25 unit trays.
T11:surface mount, shipped
in tape and reel [see p15]
R11: Surface mount device
mounted on an aluminum
star board (15/tray)
Flux and Chromaticity bin kit
code - See available ordering
codes below
SS<X>
90
W<NN>S
<Z>11
<abnnn>
Color
Luminous Flux
Chromaticity Bins
Kit Number
Bin Kit Flux
Code
Min. Flux
White
W65S
6500K, Standard CRI (typ. 70)
N2
900
F4, F3, G4, G3, EF, DG, DE, DF
N2100
F4, F3, G4, G3, EF, DG
N2101
F4, F3, G4, G3
N2102
N3
950
F4, F3, G4, G3, EF, DG, DE, DF
N3100
F4, F3, G4, G3, EF, DG
N3101
F4, F3, G4, G3
N3102
White
WDLS
6500K & 5700K
Standard CRI (typ. 70)
N2
900
F4, F3, G4, G3, EF, DG, DE, DF
H4, H3, J4, J3, EH, DJ
N2150
N3
950
F4, F3, G4, G3, EF, DG, DE, DF
H4, H3, J4, J3, EH, DJ
N3150
White
W57S
5700K, Standard CRI (typ. 70)
N2
900
H4, H3, J4, J3, EH, DJ
N2200
H4, H3, J4, J3
N2201
N3
950
H4, H3, J4, J3, EH, DJ
N3200
H4, H3, J4, J3
N3201
SST-90-W and SSR-90-W Bin Kit Order Codes
The following table describes the bin kit ordering codes for the SST-90-W and SSR-90-W. Each kit specifies a minimum flux and allowed
chromaticity bins. A maximum flux is not specified. Within each kit, Luminus may ship any part meeting or exceeding the minimum flux
specification as well as chromaticity specification but no specific mix of bins is guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com