Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

YAS2/D0.6P22Z Datasheet(PDF) 5 Page - Xiamen silicon-top opto electronics Co.,ltd

Part # YAS2/D0.6P22Z
Description  700V SSR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICON-TOP [Xiamen silicon-top opto electronics Co.,ltd]
Direct Link  www.siliconbillion.com
Logo SILICON-TOP - Xiamen silicon-top opto electronics Co.,ltd

YAS2/D0.6P22Z Datasheet(HTML) 5 Page - Xiamen silicon-top opto electronics Co.,ltd

  YAS2/D0.6P22Z Datasheet HTML 1Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D0.6P22Z Datasheet HTML 2Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D0.6P22Z Datasheet HTML 3Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D0.6P22Z Datasheet HTML 4Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D0.6P22Z Datasheet HTML 5Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D0.6P22Z Datasheet HTML 6Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D0.6P22Z Datasheet HTML 7Page - Xiamen silicon-top opto electronics Co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
厦门市硅兆光电科技有限公司
Xiamen
Silicon-top opto electronics Co.,Ltd.
版权归厦门市硅兆光电科技有限公司所有
www.siliconbillion.com
REV5.0
Mar 2020
5
安规要求/Safety and insulationratings:
爬电距离 Creepage distance:5.0mm,CTI ≥275;
瞬时过电压 Highest allowable overvoltage 5000V;
再现峰值电压 VIORM
769V;
局部放电Partial discharge test voltage:方法b Method b, Vpd = VIORM x 1.6
1230V.
特性曲线/Characteristic Data:
负载电流与环境温度关系曲线
Load current vs. ambient temperature characteristics
2.导通压降—环境温度特性
3.LED触发电流—环境温度特性
On-state voltage drop
vs. ambient temperature
Trigger
LED current
vs. Ambient temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com