Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

YAS2/D0.6P22Z Datasheet(PDF) 6 Page - Xiamen silicon-top opto electronics Co.,ltd

Part # YAS2/D0.6P22Z
Description  700V SSR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICON-TOP [Xiamen silicon-top opto electronics Co.,ltd]
Direct Link  www.siliconbillion.com
Logo SILICON-TOP - Xiamen silicon-top opto electronics Co.,ltd

YAS2/D0.6P22Z Datasheet(HTML) 6 Page - Xiamen silicon-top opto electronics Co.,ltd

  YAS2/D0.6P22Z Datasheet HTML 1Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D0.6P22Z Datasheet HTML 2Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D0.6P22Z Datasheet HTML 3Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D0.6P22Z Datasheet HTML 4Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D0.6P22Z Datasheet HTML 5Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D0.6P22Z Datasheet HTML 6Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D0.6P22Z Datasheet HTML 7Page - Xiamen silicon-top opto electronics Co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
厦门市硅兆光电科技有限公司
Xiamen
Silicon-top opto electronics Co.,Ltd.
版权归厦门市硅兆光电科技有限公司所有
www.siliconbillion.com
REV5.0
Mar 2020
6
4.LED 导通压降—环境温度特性
5.导通时间—LED 电流特性
LED dropout voltage vs. Ambient
Turn on time vs. LED current
temperature characteristics
LED current: 10 to 50 mA
接通和关断时间关系,Turn on/Turn off time:
接线图/Wiring diagram:
注意事项
/Notes
a) 工作环境温度超过 25℃时请降额使用,降额曲线参考附件。When ambient temperature is above 25℃,
the load current must be reduced. (see Annexes,fig.1)
b) 继电器接线时,务必保证输入端极性的正确,以免损坏继电器。Ensuring the polarity is correct
when connecting the input lines, otherwise the wrong connection will damage the relay.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com