Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

YAS2/D0.6P22Z Datasheet(PDF) 7 Page - Xiamen silicon-top opto electronics Co.,ltd

Part # YAS2/D0.6P22Z
Description  700V SSR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICON-TOP [Xiamen silicon-top opto electronics Co.,ltd]
Direct Link  www.siliconbillion.com
Logo SILICON-TOP - Xiamen silicon-top opto electronics Co.,ltd

YAS2/D0.6P22Z Datasheet(HTML) 7 Page - Xiamen silicon-top opto electronics Co.,ltd

  YAS2/D0.6P22Z Datasheet HTML 1Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D0.6P22Z Datasheet HTML 2Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D0.6P22Z Datasheet HTML 3Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D0.6P22Z Datasheet HTML 4Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D0.6P22Z Datasheet HTML 5Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D0.6P22Z Datasheet HTML 6Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D0.6P22Z Datasheet HTML 7Page - Xiamen silicon-top opto electronics Co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
厦门市硅兆光电科技有限公司
Xiamen
Silicon-top opto electronics Co.,Ltd.
版权归厦门市硅兆光电科技有限公司所有
www.siliconbillion.com
REV5.0
Mar 2020
7
c)由于 SSR 动作时间很短,输入端的噪声可能会引起 SSR 误动作,所以在输入端环境噪声较大时,应在
输入端接 R/C 回路吸收噪声。
Since the operate time of the relay is extremely short, any noise to input terminal will cause
malfunction of the SSR, So a RC circuit should be connected to input terminal to absorb the
noise in the noisy condition.
d)推荐的使用电路,输出端的尖峰电压可能会引起 SSR 误动作,所以请在输出端应加 R/C 回路或压敏电
子吸收尖峰电压,具体见下图:
Below shows a recommend circuit: Please add a RC circuit or varistor on the load side, as
noise/surge could damage the unit or cause malfunctions.
关于防静电对策/Cautions for Static Electricity
a.使用电烙铁时,对电烙铁前端进行接地。(建议使用低电压用的电烙铁。) When using soldering irons,
either use irons with low leakage current, or ground the tip of the soldering iron. (Use of
low-voltage soldering irons is also recommended.)
b.组装时使用的设备等也应正确地接地。Devices and equipment used in assembly should also be
grounded.
关于焊接/soldering
继电器焊接,260 度情况下焊接时间不能超过 10 秒钟,350 度情况下焊接时间不能超过 5 秒钟。
Soldering must be completed within 10 seconds at 260℃ or within 5 seconds at 350℃.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com