Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IIS2MDCTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # IIS2MDCTR
Description  High-accuracy, ultra-low-power, 3-axis digital output magnetometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2MDCTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button IIS2MDCTR Datasheet HTML 5Page - STMicroelectronics IIS2MDCTR Datasheet HTML 6Page - STMicroelectronics IIS2MDCTR Datasheet HTML 7Page - STMicroelectronics IIS2MDCTR Datasheet HTML 8Page - STMicroelectronics IIS2MDCTR Datasheet HTML 9Page - STMicroelectronics IIS2MDCTR Datasheet HTML 10Page - STMicroelectronics IIS2MDCTR Datasheet HTML 11Page - STMicroelectronics IIS2MDCTR Datasheet HTML 12Page - STMicroelectronics IIS2MDCTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
DocID030986 Rev 1
9/40
IIS2MDC
Module specifications
40
2
Module specifications
2.1
Sensor characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted(a).
a. The product is factory calibrated at 2.5 V. The operational power supply range is from 1.71 V to 3.6 V.
Table 3. Sensor characteristics
Symbol
Parameter
Test conditions
Min.(1)
Typ.(2)
Max.(1)
Unit
FS
Magnetic dynamic range(3)
±25
±49.152
gauss
So
Sensitivity(4)
-7%
1.5
+7%
mgauss/
LSB
TCSo
Sensitivity change vs.
temperature(5)
±0.03
%/°C
TyOff
Magnetic sensor offset
With offset cancellation(6)(7)
-60
+60
mgauss
TCOff
Magnetic sensor offset
change vs. temp.(6)
With offset cancellation
-0.3
+0.3
mgauss/°C
RMS
RMS noise(8)
High-resolution mode
3
4.6
mgauss
(RMS)
ODR
Output data rate
10
20
50
100
150(9)
Hz
ST
Self-test(10)
15
500
mgauss
Top
Operating temperature range
-40
+85
°C
1. Min/Max values are based on characterization results, not tested in production and not guaranteed.
2. Typical specifications are not guaranteed.
3. The typical value of the magnetic dynamic range applies when the magnetic field is fully aligned with one of the sensitive
axes. In presence of a stray field in the cross-axis direction, the magnetic dynamic range (max module) can decrease down
to the min value.
4. Values after factory calibration test and trimming.
5. Measurements are performed in a uniform temperature setup and they are based on characterization data in a limited
number of samples, not measured during final test for production.
6. Based on characterization data on a limited number of samples, not measured during final test for production.
7. Excluding drift due to magnetic shock.
8. With low-pass filter or offset cancellation enabled.
9. LP, single measurement mode.
10. “Self-test” is defined as: OUTPUT[gauss](Self-test enabled) - OUTPUT[gauss](Self-test disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com