| Electronic Components Datasheet Search |
|
IIS2MDCTR Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
IIS2MDCTR Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 40 page ![]() DocID030986 Rev 1 15/40 IIS2MDC Terminology 40 3 Terminology 3.1 Sensitivity Sensitivity describes the ratio of the output digital data expressed in LSB units and the applied magnetic field expressed in mG (milligauss). It can be measured, for example, by applying a known magnetic field along one axis and measuring the digital output of the device. 3.2 Zero-gauss level Zero-gauss level offset (TyOff) describes the deviation of an actual output signal from the ideal output if no magnetic field is present. 3.3 Magnetic dynamic range The magnetic dynamic range of the sensor can be fully exploited when the applied magnetic field is entirely aligned with one of the sensitive axes of the sensor. In the presence of a stray field in the cross-axis direction, the exploitable magnetic dynamic range (maximum module) can decrease. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |