Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IIS2MDCTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # IIS2MDCTR
Description  High-accuracy, ultra-low-power, 3-axis digital output magnetometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2MDCTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button IIS2MDCTR Datasheet HTML 6Page - STMicroelectronics IIS2MDCTR Datasheet HTML 7Page - STMicroelectronics IIS2MDCTR Datasheet HTML 8Page - STMicroelectronics IIS2MDCTR Datasheet HTML 9Page - STMicroelectronics IIS2MDCTR Datasheet HTML 10Page - STMicroelectronics IIS2MDCTR Datasheet HTML 11Page - STMicroelectronics IIS2MDCTR Datasheet HTML 12Page - STMicroelectronics IIS2MDCTR Datasheet HTML 13Page - STMicroelectronics IIS2MDCTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Module specifications
IIS2MDC
10/40
DocID030986 Rev 1
2.2
Temperature sensor characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted (b).
2.3
Electrical characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted.(b)
b. The product is factory calibrated at 2.5 V.The operational power supply range is from 1.71 V to 3.6 V.
Table 4. Temperature sensor characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
TSDr
Temperature sensor output change vs. temp.
8
digit/°C(2)
TODR
Temperature refresh rate
ODR(3)
Hz
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. 12-bit resolution.
3. Refer to Table 25.
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
1.71
2.5
3.6
V
Vdd_IO
Module power supply for I/O
1.71
3.6
V
Idd_HR
Current consumption in
high-resolution mode(2)
ODR = 100 Hz
1130
μA
Idd_LP
Current consumption in
low-power mode(3)
ODR = 10 Hz
25
μA
Idd_PD
Current consumption in power-down
1.5
μA
VIH
Digital high-level input voltage
0.8*Vdd_IO
V
VIL
Digital low-level input voltage
0.2*Vdd_IO
V
VOH
High-level output voltage
IOH = 4 mA
Vdd_IO - 0.2
V
VOL
Low-level output voltage
IOL = 4 mA
0.2
V
TOP
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Offset cancellation turned on.
3. Offset cancellation turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com