Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISM303DACTR Datasheet(PDF) 57 Page - STMicroelectronics

Part # ISM303DACTR
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DACTR Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ISM303DACTR Datasheet HTML 53Page - STMicroelectronics ISM303DACTR Datasheet HTML 54Page - STMicroelectronics ISM303DACTR Datasheet HTML 55Page - STMicroelectronics ISM303DACTR Datasheet HTML 56Page - STMicroelectronics ISM303DACTR Datasheet HTML 57Page - STMicroelectronics ISM303DACTR Datasheet HTML 58Page - STMicroelectronics ISM303DACTR Datasheet HTML 59Page - STMicroelectronics ISM303DACTR Datasheet HTML 60Page - STMicroelectronics ISM303DACTR Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
DocID030988 Rev 2
57/80
ISM303DAC
Register description
80
8.5
CTRL3_A (22h)
Control register 3 (r/w)
Table 38. CTRL3_A register
ST2
ST1
TAP_X_EN TAP_Y_EN TAP_Z_EN
LIR
H_LACTIVE
PP_OD
Table 39. CTRL3_A register description
ST [2:1]
Self-test enable. Default value: 00
(00: Self-test disabled; Other: see Table 40)
TAP_X_EN
Tap recognition on X direction enable. Default value: 0
(0: disabled; 1: enabled)
TAP_Y_EN
Tap recognition on Y direction enable. Default value: 0
(0: disabled; 1: enabled)
TAP_Z_EN
Tap recognition on Z direction enable. Default value: 0
(0: disabled; 1: enabled)
LIR
Latched Interrupt. Switches between latched ('1'-logic) and pulsed ('0'-logic) mode for
function source signals and interrupts routed to pins (wakeup, tap, double-tap, tilt,
pedometer, significant motion). Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
H_LACTIVE
Interrupt active high, low. Default value: 0
(0: active high; 1: active low)
PP_OD
Push-pull/open-drain selection on interrupt pad. Default value: 0
(0: push-pull; 1: open-drain)
Table 40. Self-test mode selection
ST2
ST1
Self-test mode
0
0
Normal mode
0
1
Positive sign self-test
1
0
Negative sign self-test
1
1
Not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com