Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISM303DACTR Datasheet(PDF) 74 Page - STMicroelectronics

Part # ISM303DACTR
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DACTR Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ISM303DACTR Datasheet HTML 70Page - STMicroelectronics ISM303DACTR Datasheet HTML 71Page - STMicroelectronics ISM303DACTR Datasheet HTML 72Page - STMicroelectronics ISM303DACTR Datasheet HTML 73Page - STMicroelectronics ISM303DACTR Datasheet HTML 74Page - STMicroelectronics ISM303DACTR Datasheet HTML 75Page - STMicroelectronics ISM303DACTR Datasheet HTML 76Page - STMicroelectronics ISM303DACTR Datasheet HTML 77Page - STMicroelectronics ISM303DACTR Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
Register description
ISM303DAC
74/80
DocID030988 Rev 2
8.42
STATUS_REG_M (67h)
The status register is an 8-bit read-only register. This register is used to indicate device
status. SR0 through SR7 indicate bit locations, with SR denoting the bits that are in the
status register. SR7 denotes the first bit of the data stream.
Table 104. STATUS_REG_M register
8.43
OUTX_L_REG_M, OUTX_H_REG_M (68h - 69h)
The data output X registers are two 8-bit registers, data output ch1 MSB register (69h) and
output X LSB register (68h).
The output data represents the raw magnetic data only if OFFSET_X_REG is equal to zero,
otherwise hard-iron calibration is included.
Table 106. OUTX_L_REG_M register
Table 107. OUTX_H_REG_M register
The value of the magnetic field is expressed in two’s complement. This register contains the
X component of the magnetic data.
Zyxor
zor
yor
xor
Zyxda
zda
yda
xda
Table 105. STATUS_REG_M register description
Zyxor
X-, Y- and Z-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: a new set of data has overwritten the previous set).
zor
Z-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the Z-axis has overwritten the previous data).
yor
Y-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the Y-axis has overwritten the previous data).
xor
X-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the X-axis has overwritten the previous data).
Zyxda
X-, Y- and Z-axis new data available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available).
zda
Z-axis new data available. Default value: 0
(0: a new data for the Z-axis is not yet available; 1: a new data for the Z-axis is available)
yda
Y-axis new data available. Default value: 0
(0: a new data for the Y-axis is not yet available; 1: a new data for the Y-axis is available)
xda
X-axis new data available. Default value: 0
(0: a new data for the X-axis is not yet available; 1: a new data for the X-axis is available)
0
0
0
0
0000
0
0
0
0
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com