Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISM303DACTR Datasheet(PDF) 35 Page - STMicroelectronics

Part # ISM303DACTR
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DACTR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ISM303DACTR Datasheet HTML 31Page - STMicroelectronics ISM303DACTR Datasheet HTML 32Page - STMicroelectronics ISM303DACTR Datasheet HTML 33Page - STMicroelectronics ISM303DACTR Datasheet HTML 34Page - STMicroelectronics ISM303DACTR Datasheet HTML 35Page - STMicroelectronics ISM303DACTR Datasheet HTML 36Page - STMicroelectronics ISM303DACTR Datasheet HTML 37Page - STMicroelectronics ISM303DACTR Datasheet HTML 38Page - STMicroelectronics ISM303DACTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
DocID030988 Rev 2
35/80
ISM303DAC
Functionality
80
4.2.6
Accelerometer data stabilization time vs. ODR setting
The data stabilization time required when an ODR change is applied in order to have valid
usable data depends on the ODR selected and accelerometer setting.
The table below provides the number of samples to be discarded in order to obtain valid
usable data for the accelerometer.
4.3
IC interface
The complete measurement chain is composed of a low-noise capacitive amplifier which
converts the capacitive unbalancing of the MEMS sensor into an analog voltage using an
analog-to-digital converter.
The acceleration and magnetic data may be accessed through an I2C/SPI interface, thus
making the device particularly suitable for direct interfacing with a microcontroller.
The ISM303DAC features a data-ready signal which indicates when new sets of measured
acceleration and magnetic data are available, thus simplifying data synchronization in the
digital system that uses the device.
Table 18. Number of samples to be discarded
ODR [Hz]
HF
HR
LP
6400
6
-
-
3200
2
-
-
1600
1
-
-
800
-
1
0
400
-
1
0
200
-
1
0
100
-
1
0
50
-
0
0
25
-
0
0
12.5
-
0
0
1-
-
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com