Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83TG720SWRHATQ1 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # DP83TG720SWRHATQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHATQ1 Datasheet(HTML) 31 Page - Texas Instruments

Back Button DP83TG720SWRHATQ1 Datasheet HTML 27Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 28Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 29Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 30Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 31Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 32Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 33Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 34Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 199 page
background image
Table 7-2. Datapath BIST Programming (continued)
Loopback
Mode
To enable
loopback
mode
To enable data
generator and
checker : MAC
packets
To check in-
coming MAC
packets status
To enable data
generator and
checker :
PRBS stream
To check in-
coming PRBS
status : PRBS
stream
Other care-
abouts
7
SGMII Reverse
loopback
•
write :
reg[0x042C]
= 0x0010
•
write :
reg[0x0619
]=0x1115
•
write :
reg[0x0624
]=0x55BF
•
read :
reg[0x063C]
for [15:0] of
total
received
packets
count.
•
read :
reg[0x063D]
for [31:16]
of total
received
packets
count.
•
read :
reg[0x063E]
for Packets
received
with CRC
errors
•
write :
reg[0x0619
]=0x0557
•
write :
reg[0x0624
]=0x55BF
Step 1 : write :
reg[0x0620][1]
= 1'b1
Step 2 :
•
read :
reg[0x0620]
[7:0] for
Number of
error bytes
received.
•
read :
reg[0x0620]
[8] (1
indicates
PRBS data
is coming in
and checker
is locked)
•
Generated
data will be
going to Cu
cable side,
to disable
this
transmissio
n : write
reg[0x041F]
= 0x1000
Note : Different MAC packet parameters can be further configured with register[0x061B] and register[0x0624]
7.3.1.4 Temperature and Voltage Sensing
Temperature sensor of PHY can be used to give the indication of the temperature of the system and reading can
be taken on the fly by reading the temperature sensor output register.
Voltage sensor senses the voltage of all the supply pins : vdda, vddio and vdd1p0. Each pins active voltage can
be sensed by reading the corresponding voltage sensor output register.
All sensors are always active and monitor state machine polls the value of each sensor periodically. Monitor
state machine can be further programmed to give higher priority/sampling time to one sensor over another by
using MONITOR_CTRL_3 register.
Following software sequence can be used to read out any sensor's output :
• Step1 : Program register[0x0467] = 0x6004 ; Initial configuration of monitors
• Step 2 : Program register [0x046A] = 0x00A6 and then register [0x046A]=0x00A3; Refresh the monitors
• Step 3 : Program register[0x0468] to select the corresponding sensor to be polled and read register [0x047B]
[14:7] for selected sensor's output code.
• Step 4 : Feed the values of read sensor's output code (in decimal) in following equations to get the sensor's
output value in decimals. Refer to Sensor Select Table for required value of constants to be used in
equations :
– vdda_value = 3.3 + (vdda_output_code - vdda_output_mean_code)*slope_vdda_sensor
– vdd1p0_value = 1.0 + (vdd1p0_output_code - vdd1p0_ouput_mean_code)*slope_vdd1p0_sensor
– vddio_calculated = 3.3 + (vddio_ouput_code - vddio_output_mean_code)*slope_vddio_sensor
– temperature_calculated
=
25
+
(temperature_output_code
-
temperature_output_mean_code)*slope_temperature_sensor
Table 7-3. Sensor Select Table
Register[0x0468]
Sensor Selected To Read-out
0x1920
VDDA Voltage Sensor
0x2920
VDD1P0 Voltage Sensor
0x3920
VDDIO Voltage Sensor
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com