Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83TG720SWRHATQ1 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # DP83TG720SWRHATQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHATQ1 Datasheet(HTML) 34 Page - Texas Instruments

Back Button DP83TG720SWRHATQ1 Datasheet HTML 30Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 31Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 32Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 33Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 34Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 35Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 36Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 37Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 199 page
background image
7.4 Device Functional Modes
Normal
PHY Enabled
Sleep
Power-off
PHY Disabled
State
Change #2
State
Change #1
RESET_N = HIGH
and
POR = complete
Power-on
Power-off
State Change #4
Standby
PHY Disabled
RESET_N = LOW
and Power-on
From any state
State Change #3
Standby/Normal
Reset
PHY Disabled
Figure 7-12. PHY Operation State Diagram
7.4.1 Power Down
When VDDA3P3 or VDDIO or VDD1P0 is below the POR threshold, the DP83TG720S-Q1 is in a power-down
state. All digital IOs will remain in high impedance state and analog blocks are disabled. PMA termination is not
present when in power-down.
7.4.2 Reset
Reset is activated upon power-up, when RESET_N is pulled LOW (for the minimum reset pulse time) or if
hardware reset is initiated by setting bit[15] in the register[0x001F].
• Digital state machine restarts after reset and all the register settings are cleared to the boot-up state.
• 25MHz clock on clkout pin will remain active during reset state also.
• MDI/PMA will not have termination during reset state.
Note
Straps are re-latched only with pin reset and not by hardware reset through register (register
[0x001F] = x8000.
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
34
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com