Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83TG720SWRHATQ1 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DP83TG720SWRHATQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHATQ1 Datasheet(HTML) 35 Page - Texas Instruments

Back Button DP83TG720SWRHATQ1 Datasheet HTML 31Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 32Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 33Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 34Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 35Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 36Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 37Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 38Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 199 page
background image
7.4.3 Standby
The device (MDI Master mode or MDI Slave mode) automatically enters into standby post power-up and reset so
long that the device is bootstrapped for managed operation.
In standby, all PHY functions are operational except for PCS and PMA blocks. Link establishment is not possible
in standby and data cannot be transmitted or received. SMI functions are operational and register configurations
are maintained.
If the device is configured for autonomous operation through bootstrap setting, the PHY automatically switches
to normal operation once powered on and reset complete.
7.4.4 Normal
Normal mode can be entered from either autonomous or managed operation. When in autonomous operation,
the PHY will automatically try to establish link with a valid Link Partner once powered on.
In managed operation, SMI access is required to allow the device to exit standby; commands issued through the
SMI allow the device to exit standby and enables both the PCS and PMA blocks. All device features are
operational in normal mode.
Autonomous operation can be enabled through SMI access by setting bit[6] in register 0x18B.
7.4.5 Sleep
Once in sleep mode, all PHY blocks are disabled except for energy detection. All register configurations are lost
in sleep mode. No link can be established, data cannot be transmitted or received and SMI access is not
available when in sleep mode.
To use sleep mode of PHY refer to implementation highlighted in following figure.
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com