Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83TG720SWRHATQ1 Datasheet(PDF) 172 Page - Texas Instruments

Click here to check the latest version.
Part # DP83TG720SWRHATQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHATQ1 Datasheet(HTML) 172 Page - Texas Instruments

Back Button DP83TG720SWRHATQ1 Datasheet HTML 168Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 169Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 170Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 171Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 172Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 173Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 174Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 175Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 199 page
background image
7.6.2.114 OAM_TRANSMIT Register (Address = 0x3904) [reset = 0x0]
OAM_TRANSMIT is shown in Table 7-137.
Return to the Summary Table.
Table 7-137. OAM_TRANSMIT Register Field Descriptions
Bit
Field
Type
Reset
Description
15
mr_tx_valid
R/WMC,0
1b0
This bit is used to indicate message data in registers 3.2308.11:8,
3.2309, 3.2310, 3.2311, and 3.2312 are valid and ready to be loaded.
This bit shall self-clear when registers are loaded by the state
machine. 1 = Message data in registers are valid 0 = Message data
in registers are not valid Note - 0x3 added in [15:12] to differentiate
1b0 = Message data in registers are not valid
1b1 = Message data in registers are valid
14
mr_tx_toggle
R
1b0
Toggle value to be transmitted with message. This bit is set by the
state machine and cannot be overridden by the user. Note - 0x3
added in [15:12] to differentiate
13
mr_tx_received
1b0
This bit shall self clear on read. 1 = 1000BASE-T1 OAM message
received by link partner 0 = 1000BASE-T1 OAM message not
received by link partner Note - 0x3 added in [15:12] to differentiate
1b0 = 1000BASE-T1 OAM message not received by link partner
1b1 = 1000BASE-T1 OAM message received by link partner
12
mr_tx_received_toggle
R
1b0
Toggle value of message that was received by link partner Note - 0x3
added in [15:12] to differentiate
11-8
mr_tx_message_num
R/W
4b0000
User-defined message number to send Note - 0x3 added in [15:12]
to differentiate
7-4
RESERVED
R
4b0000
Reserved
3
mr_rx_ping
R
1b0
Received PingTx value from latest good 1000BASE-T1 OAM frame
received Note - 0x3 added in [15:12] to differentiate
2
mr_tx_ping
R/W
1b0
Ping value to send to link partner Note - 0x3 added in [15:12] to
differentiate
1-0
mr_tx_snr
R
2b00
00 = PHY link is failing and will drop link and relink within 2 ms to 4
ms after the end of the current 1000BASE-T1 OAM frame. 01 = LPI
refresh is insufficient to maintain PHY SNR. Request link partner to
exit LPI and send idles (used only when EEE is enabled). 10 = PHY
SNR is marginal. 11 = PHY SNR is good. Note - 0x3 added in [15:12]
to differentiate
2b00 = PHY link is failing and will drop link and relink within 2 ms to 4
ms after the end of the current 1000BASE-T1 OAM frame.
2b01 = LPI refresh is insufficient to maintain PHY SNR. Request link
partner to exit LPI and send idles (used only when EEE is enabled).
2b10 = PHY SNR is marginal.
2b11 = PHY SNR is good.
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
172
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com