Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83TG720SWRHATQ1 Datasheet(PDF) 196 Page - Texas Instruments

Click here to check the latest version.
Part # DP83TG720SWRHATQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHATQ1 Datasheet(HTML) 196 Page - Texas Instruments

Back Button DP83TG720SWRHATQ1 Datasheet HTML 191Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 192Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 193Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 194Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 195Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 196Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 197Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 198Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 199Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 196 / 199 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
36X (0.6)
36X (0.25)
32X (0.5)
(5.8)
(5.8)
(1.25) TYP
9X (
1.05)
(R0.05) TYP
(1.25)
TYP
VQFN - 1 mm max height
RHA0036A
PLASTIC QUAD FLATPACK - NO LEAD
4225089/A 06/2019
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.125 MM THICK STENCIL
SCALE: 15X
EXPOSED PAD 37
72% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SYMM
SYMM
1
9
10
18
19
27
28
36
37
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
196
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com