Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H747XI Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32H747XI
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H747XI Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32H747XI Datasheet HTML 18Page - STMicroelectronics STM32H747XI Datasheet HTML 19Page - STMicroelectronics STM32H747XI Datasheet HTML 20Page - STMicroelectronics STM32H747XI Datasheet HTML 21Page - STMicroelectronics STM32H747XI Datasheet HTML 22Page - STMicroelectronics STM32H747XI Datasheet HTML 23Page - STMicroelectronics STM32H747XI Datasheet HTML 24Page - STMicroelectronics STM32H747XI Datasheet HTML 25Page - STMicroelectronics STM32H747XI Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 252 page
background image
Functional overview
STM32H747xI/G
12/242
DS12930 Rev 1
3.1.2
Arm® Cortex®-M4 with FPU
The Arm® Cortex®-M4 processor is a high-performance embedded processor which
supports DSP instructions. It was developed to provide an optimized power consumption
MCU, while delivering outstanding computational performance and low interrupt latency.
The Arm® Cortex®-M4 processor is a highly efficient MCU featuring:
•
3-stage pipeline with branch prediction
•
Harvard architecture
•
32-bit System (S-BUS) interface
•
32-bit I-BUS interface
•
32-bit D-BUS interface
The Arm® Cortex®-M4 processor also features a dedicated hardware adaptive real-time
accelerator (ART Accelerator™). This is an instruction cache memory composed of sixty-
four 256-bit lines, a 256-bit cache buffer connected to the 64-bit AXI interface and a 32-bit
interface for non-cacheable accesses.
3.2
Memory protection unit (MPU)
The devices feature two memory protection units. Each MPU manages the CPU access
rights and the attributes of the system resources. It has to be programmed and enabled
before use. Its main purposes are to prevent an untrusted user program to accidentally
corrupt data used by the OS and/or by a privileged task, but also to protect data processes
or read-protect memory regions.
The MPU defines access rules for privileged accesses and user program accesses. It
allows defining up to 16 protected regions that can in turn be divided into up to 8
independent subregions, where region address, size, and attributes can be configured. The
protection area ranges from 32 bytes to 4 Gbytes of addressable memory.
When an unauthorized access is performed, a memory management exception is
generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com