Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H747XI Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM32H747XI
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H747XI Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32H747XI Datasheet HTML 37Page - STMicroelectronics STM32H747XI Datasheet HTML 38Page - STMicroelectronics STM32H747XI Datasheet HTML 39Page - STMicroelectronics STM32H747XI Datasheet HTML 40Page - STMicroelectronics STM32H747XI Datasheet HTML 41Page - STMicroelectronics STM32H747XI Datasheet HTML 42Page - STMicroelectronics STM32H747XI Datasheet HTML 43Page - STMicroelectronics STM32H747XI Datasheet HTML 44Page - STMicroelectronics STM32H747XI Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 252 page
background image
DS12930 Rev 1
31/242
STM32H747xI/G
Functional overview
46
•
3D transmission support
•
Configurable selection of system interfaces
–
AMBA APB for control and optional support for Generic and DCS commands
–
Video mode interface through LTDC
–
Adapted Command mode interface through LTDC
–
Independently programmable Virtual Channel ID in Video, Adapted Command or
APB Slave mode
•
Video mode interfaces features
–
LTDC interface color coding mappings into 24-bit interface:
16-bit RGB, configurations 1, 2, and 3
18-bit RGB, configurations 1 and 2
24-bit RGB
–
Programmable polarity of all LTDC interface signals
–
Extended resolutions beyond the DPI standard maximum resolution of 800x480
pixels; the maximum resolution is limited by the available DSI physical link
bandwidth:
Number of lanes: 2
Maximum speed per lane: 1 Gbps
•
Adapted interface features
–
Support for sending large amounts of data through the memory_write_start (WMS)
and memory_write_continue (WMC) DCS commands
–
LTDC interface color coding mappings into 24-bit interface:
16-bit RGB, configurations 1, 2, and 3
18-bit RGB, configurations 1 and 2
24-bit RGB
•
Video mode pattern generator
–
Vertical and horizontal color bar generation without LTDC stimuli
–
BER pattern without LTDC stimuli
3.27
JPEG Codec (JPEG)
The JPEG Codec can encode and decode a JPEG stream as defined in the ISO/IEC 10918-
1 specification. It provides an fast and simple hardware compressor and decompressor of
JPEG images with full management of JPEG headers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com